Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F040 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM29F040
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM29F040 Datasheet HTML 1Page - Advanced Micro Devices AM29F040 Datasheet HTML 2Page - Advanced Micro Devices AM29F040 Datasheet HTML 3Page - Advanced Micro Devices AM29F040 Datasheet HTML 4Page - Advanced Micro Devices AM29F040 Datasheet HTML 5Page - Advanced Micro Devices AM29F040 Datasheet HTML 6Page - Advanced Micro Devices AM29F040 Datasheet HTML 7Page - Advanced Micro Devices AM29F040 Datasheet HTML 8Page - Advanced Micro Devices AM29F040 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
FINAL
Publication# 17113
Rev: E Amendment/0
Issue Date: November 1996
Am29F040
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only,
Sector Erase Flash Memory
DISTINCTIVE CHARACTERISTICS
s 5.0 V
± 10% for read and write operations
— Minimizes system level power requirements
s Compatible with JEDEC-standards
— Pinout and software compatible with single-
power-supply Flash
— Superior inadvertent write protection
s Package options
— 32-pin PLCC
— 32-pin TSOP
— 32-pin PDIP
s Minimum 100,000 write/erase cycles guaranteed
s High performance
— 55 ns maximum access time
s Sector erase architecture
— Uniform sectors of 64 Kbytes each
— Any combination of sectors can be erased.
Also supports full chip erase.
s Sector protection
— Hardware method that disables any combination
of sectors from write or erase operations
s Embedded Erase Algorithms
— Automatically preprograms and erases the chip
or any combination of sectors
s Embedded Program Algorithms
— Automatically programs and verifies data at
specified address
s Data Polling and Toggle Bit feature for detection
of program or erase cycle completion
s Erase suspend/resume
— Supports reading data from a sector not being
erased
s Low power consumption
— 20 mA typical active read current
— 30 mA typical program/erase current
s Enhanced power management for standby
mode
— <1
µA typical standby current
— Standard access time from standby mode
GENERAL DESCRIPTION
The Am29F040 is a 4 Mbit, 5.0 Volt-only Flash memory
organized as 512 Kbytes of 8 bits each. The Am29F040
is offered in a 32-pin package. This device is designed
to be programmed in-system with the standard system
5.0 V VCC supply. A 12.0 V VPP is not required for
write or erase operations. The device can also be
reprogrammed in standard EPROM programmers.
The standard Am29F040 offers access times between
55 ns and 150 ns, allowing operation of high-speed
microprocessors without wait states. To eliminate bus
contention the device has separate chip enable (CE),
write enable (WE) and output enable (OE) controls.
The Am29F040 is entirely command set compatible
with the JEDEC single-power-supply Flash standard.
Commands are written to the command register using
standard microprocessor write timings. Register con-
tents serve as input to an internal state machine
which controls the erase and programming circuitry.
Write cycles also internally latch addresses and data
needed for the programming and erase operations.
Reading data out of the device is similar to reading
from 12.0 Volt Flash or EPROM devices.
The Am29F040 is programmed by executing the pro-
gram command sequence. This will invoke the Embed-
ded Program Algorithm which is an internal algorithm
that automatically times the program pulse widths and
verifies proper cell margin. Typically, each sector can
be programmed and verified in less than one second.
Erase is accomplished by executing the erase com-
mand sequence. This will invoke the Embedded Erase
Algorithm which is an internal algorithm that automati-
cally preprograms the array if it is not already pro-
grammed before executing the erase operation. During
erase, the device automatically times the erase pulse
widths and verifies proper cell margin.


Similar Part No. - AM29F040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B AMD-AM29F040B Datasheet
981Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B-1 AMD-AM29F040B-1 Datasheet
790Kb / 35P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B-120EC AMD-AM29F040B-120EC Datasheet
790Kb / 35P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - AM29F040

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
Advanced Micro Devices
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F040B AMD-AM29F040B_06 Datasheet
981Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com