Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG621
Description  CMOS 5 V/5 V, 4 Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices ADG621 Datasheet HTML 10Page - Analog Devices ADG621 Datasheet HTML 11Page - Analog Devices ADG621 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 9 of 12
VS
250
–5
–4
–3
–2
–1
0
1
2
3
5
TA = 25°C
200
150
100
50
0
4
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
Figure 11. Charge Injection vs. Source Voltage
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
180
160
0
80
60
40
20
140
100
120
tON
tOFF
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
VDD = +5V
VSS = –5V
VDD = +5V
VSS = 0V
Figure 12. tON/tOFF Times vs. Temperature
0.2
1
10
100
FREQUENCY (MHz)
VDD = +5V
VSS = –5V
TA = 25°C
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 13. Off Isolation vs. Frequency
0.2
1
10
100
FREQUENCY (MHz)
VDD = +5V
VSS = –5V
TA = 25°C
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 14. Crosstalk vs. Frequency
0.2
1k
10
VDD = +5V
VSS = –5V
TA = 25°C
1
100
FREQUENCY (MHz)
0
–2
–4
–6
–8
–10
–12
–14
Figure 15. On Response vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com