Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG621 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG621
Description  CMOS 5 V/5 V, 4 Dual SPST Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG621 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG621 Datasheet HTML 4Page - Analog Devices ADG621 Datasheet HTML 5Page - Analog Devices ADG621 Datasheet HTML 6Page - Analog Devices ADG621 Datasheet HTML 7Page - Analog Devices ADG621 Datasheet HTML 8Page - Analog Devices ADG621 Datasheet HTML 9Page - Analog Devices ADG621 Datasheet HTML 10Page - Analog Devices ADG621 Datasheet HTML 11Page - Analog Devices ADG621 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 12 of 12
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
6°
0°
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 25. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADG621BRM
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SXB
ADG621BRM–REEL7
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SXB
ADG621BRMZ1
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SXB#
ADG621BRMZ-REEL1
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SXB#
ADG622BRM
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SYB
ADG622BRM-REEL
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SYB
ADG622BRM-REEL7
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SYB
ADG622BRMZ1
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
S12
ADG622BRMZ-REEL1
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
S12
ADG622BRMZ-REEL71
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
S12
ADG623BRM
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SZB
ADG623BRM-REEL
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SZB
ADG623BRM-REEL7
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SZB
ADG623BRMZ1
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SZB#
ADG623BRMZ-REEL1
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SZB#
ADG623BRMZ-REEL71
–40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
SZB#
1 Z= RoHS Compliant Part, # denotes RoHS compliant product and may be top or bottom marked.
©2001–2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D02616-0-11/09(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com