Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWU1103JB5 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWU1103JB5
Description  Film Chip Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1103JB5 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWU1103JB5 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1103JB5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Panasonic
Plastic Film Capacitors
■Construction
Element
(stacked)
Outer electrode
■Dimensions in mm (not to scale)
L
± 0.2
(
± 0.3)
W
± 0.2
0.35
± 0.20
0.35
± 0.20
To be applied
only for size
code E1, E2
E3a and E3.
¥Size code H1,H2,H3,G1,G2,G3,
E1,E2,E3a and E3.
L
± 0.2
W
± 0.3
0.45
± 0.20
0.45
± 0.20
¥Size code D1,D2,D3 and D4.
Size code
H1
3.2
1.6
0.8
H2
3.2
1.6
1.0
H3
3.2
1.6
1.4
G1
3.2
2.5
1.0
G2
3.2
2.5
1.4
G3
3.2
2.5
2.0
E1
4.8
3.3
1.4
E2
4.8
3.3
2.0
E3a
4.8
3.3
2.4
E3
4.8
3.3
2.8
D1
6.0
4.1
1.8
D2
6.0
4.1
2.0
D3
6.0
4.1
2.4
D4
6.0
4.1
2.8
LW
H
Film Chip Capacitor
Type:
ECWU(B)
mold-less construction
■Features
85˚C, 85%RH, W.V. 1.0 for 500 hours
■Recommended Applications
Coupling
By-pass
General purpose
■Explanation of Part Numbers
1C
16VDC
1H
50VDC
1
100VDC
123456789
10
11
12
E
C
W
U
Product code
Dielectric &
construction
Rated voltage
Capacitance
J
B
Cap. Tol. Suffix
Suffix
5
8mm
9
12mm
Tape width
■Specifications
Category temp. range
Rated voltage
Capacitance range
Capacitance tolerance
Withstand voltage
Dissipation factor
–55 to +105˚C
16VDC, 50VDC, 100VDC
0.001 to 0.47µF
±5% (J)
Between terminals : Rated volt. (VDC)175% 1 to 5s
<
=1.0% (20˚C 1kHz)
Insulation resistance
16VDC : >
=3000M
Ω(20˚C, 10VDC 60s)
C<
=0.33µF
50VDC : >
=3000M
Ω(20˚C, 50VDC 60s)
100VDC : >
=3000M
Ω(20˚C, 100VDC 60s)
C>0.33µF
16VDC : 1000M
Ω . µF min. (20˚C, 10VDC 60s)
Soldering conditions
Reflow soldering : 240˚C max. and 30sec max. at more than 210˚C
Stacked metallized PEN dielectric film with simple
For reflow soldering
Small in size (minimum size 3.2 1.6 mm)
(Temp. at cap. surface)
Rev.02/04


Similar Part No. - ECWU1103JB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWU1103JX5 PANASONIC-ECWU1103JX5 Datasheet
66Kb / 2P
Plastic Film Capacitors
ECWU1103JX5 PANASONIC-ECWU1103JX5 Datasheet
56Kb / 2P
Stacked Metallized PEN Film Chip Capacitor
More results

Similar Description - ECWU1103JB5

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-U1H222JB5 PANASONIC-ECH-U1H222JB5 Datasheet
63Kb / 2P
Film Chip Capacitor
ECH-U1H221JB5 PANASONIC-ECH-U1H221JB5 Datasheet
69Kb / 2P
Film Chip Capacitor
ECH-U1C123JB5 PANASONIC-ECH-U1C123JB5 Datasheet
69Kb / 2P
Film Chip Capacitor
ECW-U1H473JB5 PANASONIC-ECW-U1H473JB5 Datasheet
55Kb / 2P
Film Chip Capacitor
ECH-U1H104JC9 PANASONIC-ECH-U1H104JC9 Datasheet
123Kb / 2P
FILM CHIP CAPACITOR
ECH-U1H104GB9 PANASONIC-ECH-U1H104GB9 Datasheet
69Kb / 2P
Film Chip Capacitor
logo
List of Unclassifed Man...
ECH-U1H104GC9 ETC1-ECH-U1H104GC9 Datasheet
123Kb / 2P
FILM CHIP CAPACITOR
logo
Panasonic Semiconductor
ECH-U1H184GC9 PANASONIC-ECH-U1H184GC9 Datasheet
123Kb / 2P
FILM CHIP CAPACITOR
ECH-U1H103GB5 PANASONIC-ECH-U1H103GB5 Datasheet
69Kb / 2P
Film Chip Capacitor
ECH-U1H124JC9 PANASONIC-ECH-U1H124JC9 Datasheet
123Kb / 2P
FILM CHIP CAPACITOR ECHU(X)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com