Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWU1103JB5 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWU1103JB5
Description  Film Chip Capacitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWU1103JB5 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWU1103JB5 Datasheet HTML 1Page - Panasonic Semiconductor ECWU1103JB5 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
■Rating, Dimensions & Quantity/Reel
Cap. (µF)
0.001
0.0012
0.0015
0.0018
0.0022
0.0027
0.0033
0.0039
0.0047
0.0056
0.0068
0.0082
0.01
0.012
0.015
0.018
0.022
0.027
0.033
0.039
0.047
0.056
0.068
0.082
0.1
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
For this rating use type
ECHU(B)
ECWU1C123JB5 3.2 1.6 1.0 H2
ECWU1C153JB5 3.2 1.6 1.0 H2
ECWU1C183JB5 3.2 1.6 1.0 H2
ECWU1C223JB5 3.2 1.6 1.0 H2
ECWU1C273JB5 3.2 1.6 1.0 H2
ECWU1C333JB5 3.2 1.6 1.4 H3
ECWU1C393JB5 3.2 1.6 1.4 H3
ECWU1C473JB5 3.2 1.6 1.4 H3
ECWU1C563JB5 3.2 2.5 1.4 G2
ECWU1C683JB5 3.2 2.5 1.4 G2
ECWU1C823JB5 3.2 2.5 2.0 G3
ECWU1C104JB5 3.2 2.5 2.0 G3
ECWU1C124JC9 4.8 3.3 1.4 E1
ECWU1C154JC9 4.8 3.3 2.0 E2
ECWU1C184JC9 4.8 3.3 2.0 E2
ECWU1C224JC9 4.8 3.3 2.4 E3a
ECWU1C274JC9 6.0 4.1 1.8 D1
ECWU1C334JC9 6.0 4.1 2.0 D2
ECWU1C394JC9 6.0 4.1 2.4 D3
ECWU1C474JC9 6.0 4.1 2.8 D4
3000
2000
3000
2000
3000
2000
For this rating use type
ECHU(B)
ECWU1H332JB5 3.2 1.6 0.8 H1
ECWU1H392JB5 3.2 1.6 0.8 H1
ECWU1H472JB5 3.2 1.6 0.8 H1
ECWU1H562JB5 3.2 1.6 0.8 H1
ECWU1H682JB5 3.2 1.6 0.8 H1
ECWU1H822JB5 3.2 1.6 1.0 H2
ECWU1H103JB5 3.2 1.6 1.0 H2
ECWU1H123JB5 3.2 2.5 1.0 G1
ECWU1H153JB5 3.2 2.5 1.0 G1
ECWU1H183JB5 3.2 2.5 1.4 G2
ECWU1H223JB5 3.2 2.5 1.4 G2
ECWU1H273JB5 3.2 2.5 1.4 G2
ECWU1H333JB5 3.2 2.5 2.0 G3
ECWU1H393JB5 3.2 2.5 2.0 G3
ECWU1H473JB5 3.2 2.5 2.0 G3
ECWU1H563JC9 4.8 3.3 2.0 E2
ECWU1H683JC9 4.8 3.3 2.0 E2
ECWU1H823JC9 4.8 3.3 2.4 E3a
ECWU1H104JC9 4.8 3.3 2.4 E3a
ECWU1H124JC9 6.0 4.1 1.8 D1
ECWU1H154JC9 6.0 4.1 2.0 D2
ECWU1H184JC9 6.0 4.1 2.4 D3
ECWU1H224JC9 6.0 4.1 2.8 D4
3000
2000
3000
2000
3000
2000
ECWU1102JB5 3.2 1.6 1.0 H2
ECWU1122JB5 3.2 1.6 1.0 H2
ECWU1152JB5 3.2 1.6 1.0 H2
ECWU1182JB5 3.2 1.6 1.0 H2
ECWU1222JB5 3.2 1.6 1.0 H2
ECWU1272JB5 3.2 1.6 1.0 H2
ECWU1332JB5 3.2 1.6 1.4 H3
ECWU1392JB5 3.2 1.6 1.4 H3
ECWU1472JB5 3.2 1.6 1.4 H3
ECWU1562JB5 3.2 2.5 1.4 G2
ECWU1682JB5 3.2 2.5 1.4 G2
ECWU1822JB5 3.2 2.5 2.0 G3
ECWU1103JB5 3.2 2.5 2.0 G3
ECWU1123JC9 4.8 3.3 1.4 E1
ECWU1153JC9 4.8 3.3 1.4 E1
ECWU1183JC9 4.8 3.3 1.4 E1
ECWU1223JC9 4.8 3.3 1.4 E1
ECWU1273JC9 4.8 3.3 1.4 E1
ECWU1333JC9 4.8 3.3 1.4 E1
ECWU1393JC9 4.8 3.3 2.0 E2
ECWU1473JC9 4.8 3.3 2.0 E2
3000
2000
3000
Rated volt. 16VDC
Part No.
Dimensions (mm)
LW
H
Code
Q'ty
Part No.
Dimensions (mm)
LW
H
Code
Q'ty
Part No.
Dimensions (mm)
LW
H
Code
Q'ty
Rated volt. 50VDC
Rated volt. 100VDC
■Example for Land Dimensions (mm)
Land
Electrode
C
A
B
H1
2.2
3.8
1.4
H2
2.2
3.8
1.4
H3
2.2
3.8
1.4
G1
2.2
3.8
2.3
G2
2.2
3.8
2.3
G3
2.2
3.8
2.3
E1
2.6
6.6
3.0
E2
2.6
6.6
3.0
E3a
2.6
6.6
3.0
E3
2.6
6.6
3.0
D1
3.8
7.8
3.8
D2
3.8
7.8
3.8
D3
3.8
7.8
3.8
D4
3.8
7.8
3.8
Land dimensions
Reflow soldering
AB
C
■Taping Specification for Automatic Insertion(Mounting)
Refer to the PDF file of taping specifications
Code



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com