Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFK1C472AM Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFK1C472AM
Description  Aluminum Electrolytic Capacitors/Medium-size FK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1C472AM Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFK1C472AM Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/Medium-size FK
– EEE-39 –
A
±0.2
W
() Reference size
L
+
–
0.3 max.
Pressure Relief (
φ10 and larger)
3300
FK
j
Capacitance (
µF)
Rated voltage Mark
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
Products Black Dot
(Square)
■ Features
● Endurance: 5000 h at 105 °C
● Vibration-proof product is available upon request.
● RoHS directive compliant
Surface Mount Type
Series: Medium-size
FK
Type:
V
FK High temperature Lead-Free reflow(suffix:A✽)
■ Specifications
Category Temp. Range
–55 °C to +105 °C
Rated W.V.Range
6.3 V.DC to 100 V.DC
Nominal Cap.Range
47 µF to 6800 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
I
< 0.01 CV (µA) After 2 minutes
tan
δ
Please see the attached High temperature lead-free reflow products list.
Characteristics
at Low Temperature
W.V. (V)
6.3
10
16
25
35
50
63
80
100
(Impedance ratio at 120 Hz)
Z(–25 °C)/Z(+20 °C)
222222222
Z(–40 °C)/Z(+20 °C)
333333333
Z(–55 °C)/Z(+20 °C)
444333333
Endurance
After applying rated working voltage for 5000 hours at +105 °C±2 °C and then being stabilized at +20 °C,
Capacitors shall meet the following limits.
Capacitance change
±30 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance (With voltage treatment)
Resistance to
Soldering Heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change
±10 % of initial measured value
tan
δ
< initial specified value
DC leakage current
< initial specified value
■ Dimensions in mm (not to scale)
■ Marking
Example:6.3 V 3300 µF
Marking color : BLACK
Size
code
DL
A, B
H
I
W
P
K
H13
12.5
13.5±0.5
13.5 15.0 max.
4.7
0.90±0.3
4.4
0.70±0.30
J16
16.0
16.5±0.5
17.0 19.0 max.
5.5
1.20±0.3
6.7
0.70±0.30
K16
18.0
16.5±0.5
19.0 21.0 max.
6.7
1.20±0.3
6.7
0.70±0.30
Cap (µF)
Frequency (Hz)
120
1 k
10 k
100 k to
47
to
6800
0.75
0.90
0.95
1.00
■ Frequency correction factor for ripple current
(Unit : mm)
j
6.3 V
A
10 V
C
16 V
E
25 V
V
35 V
Rated Voltage Mark
H
50 V
J
63 V
K
80 V
2A
100 V
00 Nov. 2012


Similar Part No. - EEEFK1C472AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
254Kb / 4P
Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
247Kb / 4P
Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
62Kb / 2P
Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
260Kb / 5P
Aluminum Electrolytic Capacitors/Medium-size FK
EEEFK1C472AM PANASONIC-EEEFK1C472AM Datasheet
62Kb / 2P
Aluminum Electrolytic Capacitors/Medium-size FK
More results

Similar Description - EEEFK1C472AM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1H221P PANASONIC-EEE-FK1H221P Datasheet
260Kb / 5P
Aluminum Electrolytic Capacitors/Medium-size FK
ABA0000CE88 PANASONIC-ABA0000CE88 Datasheet
254Kb / 4P
Aluminum Electrolytic Capacitors/Medium-size FK
Jul. 2008
EEE-FK1H102AM PANASONIC-EEE-FK1H102AM Datasheet
247Kb / 4P
Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1H331AQ PANASONIC-EEE-FK1H331AQ Datasheet
62Kb / 2P
Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1E220R PANASONIC-EEE-FK1E220R Datasheet
260Kb / 5P
Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1E151P PANASONIC-EEE-FK1E151P Datasheet
70Kb / 2P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1V471AQ PANASONIC-EEE-FK1V471AQ Datasheet
62Kb / 2P
Aluminum Electrolytic Capacitors/Medium-size FK
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
Aluminum Electrolytic Capacitors/ FK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com