Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EEEFK1C472AM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFK1C472AM
Description  Aluminum Electrolytic Capacitors/Medium-size FK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFK1C472AM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFK1C472AM Datasheet HTML 1Page - Panasonic Semiconductor EEEFK1C472AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/Medium-size FK
– EEE-40 –
■ High temperature Lead-Free reflow
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
6.3
3300
12.5
13.5
H131100
0.06
0.30
EEEFK0J332AQ
(9)
200
6800
16
16.5
J16
1800
0.035
0.36
EEEFK0J682AM
(9)
125
10
2200
12.5
13.5
H131100
0.06
0.21
EEEFK1A222AQ
(9)
200
4700
16
16.5
J16
1800
0.035
0.25
EEEFK1A472AM
(9)
125
6800
18
16.5
K16
2060
0.033
0.29
EEEFK1A682AM
(9)
125
16
1500
12.5
13.5
H131100
0.06
0.16
EEEFK1C152AQ
(9)
200
3300
16
16.5
J16
1800
0.035
0.20
EEEFK1C332AM
(9)
125
4700
18
16.5
K16
2060
0.033
0.22
EEEFK1C472AM
(9)
125
25
1000
12.5
13.5
H13
1100
0.06
0.14
EEEFK1E102AQ
(9)
200
1500
16
16.5
J16
1800
0.035
0.16
EEEFK1E152AM
(9)
125
2200
16
16.5
J16
1800
0.035
0.16
EEEFK1E222AM
(9)
125
3300
18
16.5
K16
2060
0.033
0.18
EEEFK1E332AM
(9)
125
35
470
12.5
13.5
H13
1100
0.06
0.12
EEEFK1V471AQ
(9)
200
680
12.5
13.5
H13
1100
0.06
0.12
EEEFK1V681AQ
(9)
200
1000
16
16.5
J16
1800
0.035
0.12
EEEFK1V102AM
(9)
125
1500
16
16.5
J16
1800
0.035
0.12
EEEFK1V152AM
(9)
125
50
330
12.5
13.5
H13
900
0.120.12
EEEFK1H331AQ
(10)
200
390
12.5
13.5
H13
900
0.120.12
EEEFK1H391AQ
(10)
200
470
16
16.5
J16
1610
0.073
0.12
EEEFK1H471AM
(10)
125
560
16
16.5
J16
1610
0.073
0.12
EEEFK1H561AM
(10)
125
680
16
16.5
J16
1610
0.073
0.12
EEEFK1H681AM
(10)
125
1000
16
16.5
J16
1610
0.073
0.12
EEEFK1H102AM
(10)
125
63
150
12.5
13.5
H13
800
0.160.10
EEEFK1J151AQ
(10)
200
220
12.5
13.5
H13
800
0.160.10
EEEFK1J221AQ
(10)
200
470
16
16.5
J16
1410
0.082
0.10
EEEFK1J471AM
(10)
125
680
18
16.5
K16
1690
0.08
0.10
EEEFK1J681AM
(10)
125
80
68
12.5
13.5
H13500
0.32
0.08
EEEFK1K680AQ
(11)
200
100
12.5
13.5
H13
500
0.32
0.08
EEEFK1K101AQ
(11)
200
150
12.5
13.5
H13
500
0.32
0.08
EEEFK1K151AQ
(11)
200
330
16
16.5
J16
793
0.17
0.08
EEEFK1K331AM
(11)
125
470
18
16.5
K16
917
0.153
0.08
EEEFK1K471AM
(11)
125
100
47
12.5
13.5
H13500
0.32
0.07
EEEFK2A470AQ
(11)
200
68
12.5
13.5
H13500
0.32
0.07
EEEFK2A680AQ
(11)
200
100
16
16.5
J16
793
0.17
0.07
EEEFK2A101AM
(11)
125
150
16
16.5
J16
793
0.17
0.07
EEEFK2A151AM
(11)
125
220
18
16.5
K16
917
0.153
0.07
EEEFK2A221AM
(11)
125
330
18
16.5
K16
917
0.153
0.07
EEEFK2A331AM
(11)
125
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “Q or M”
Endurance : 105 °C 5000 h
00 Nov. 2012



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com