Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 49
3.3.
Operational Modes
Figure 3.1 illustrates the ZSSC3036 power-up sequence and subsequent operation depending on the selected
interface communication mode (I
2C™ or SPI) as determined by the SEL pin voltage level (see section 2.4.5). With
either interface, after the voltage regulators are switched on, the ZSSC3036
’s low voltage section (LV) is active
while the related interface configuration information is read from memory. Then the LV section is switched off, the
ZSSC3036 goes into Sleep State, and the interface is ready to receive commands. Since the interface is always
powered by VDD, it is referred to as the high voltage section (HV).
See Table 3.1 for definitions of the commands.
Figure 3.2 shows the ZSSC3036 operation in Normal Mode and Command Mode including when the LV and HV
sections are active as indicated by the color legend. The Normal Mode automatically returns to Sleep State after
executing the requested measurements. In Command Mode, the ZSSC3036 remains active if a dedicated
command (Start_NOM) was sent, which is helpful during calibration. Command Mode can only be entered if
Start_CM is the first command received after POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com