Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3036 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3036
Description  Low-Power, High-Resolution 16-Bit Sensor Signal Conditioner
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3036 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3036 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3036 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
ZSSC3036
Low-Power 16-Bit Sensor Signal Conditioner IC
Data Sheet
May 28, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 49
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Analog-to-Digital Converter (ADC, A2D)
Resolution
rADC
10
16
Bit
ADC Clock Frequency
fADC
Internal ADC clock
1.8
2
2.2
MHz
Reference Voltage n
Vrefn
VDDB
* 0.03
Reference Voltage p
Vrefp
VDDB
* 0.97
Offset
A2D_Offset
8-step programmable offset
1/16
8/16
Integral Nonlinearity (INL)
INLADC
Based on ideal slope
-4
-
+4
LSB
Differential Nonlinearity
DNLADC
Tested / verified within design
-1
-
+1
LSB
Conversion Rate, 16-Bit
Single
fS,raw
Conversions per second for single
16-bit A2D conversion
20
-
1350
Hz
Amplifier
Gain
Gamp
32 steps
13.2
72
Gain Error
Gerr
Referenced to nominal gain
-1.5
-
1.5
%
Sensor Signal Conditioning Performance
IC Accuracy Error
1)
ErrA,IC
Accuracy error for ideally linear (in
temperature and measurand)
sensor
0.01
%FSO
Conversion Rate, 16-Bit SSC
fS, SSC
Conversion per second for fully
corrected 16-bit measurement
5
325
Hz
Input
Input Voltage Range
VINP, VINN
Input voltage range at INP and INN
0.65
1.05
V
Bridge Resistance
RBR
Full power supply disturbance
rejection (PSRR) capabilities
1
10
50
k
Ω
Reduced PSRR, but full
functionality
100
999
Ω
Power-Up
Start-up Time
tSTA1
VDD ramp up to interface
communication (see section 3.1)
1
ms
tSTA2
VDD ramp up to analog operation
2.5
ms
Wake-up Time
tWUP1
Sleep to Active State interface
communication
0.5
ms
tWUP2
Sleep to Active State analog
operation
2
ms
Oscillator
Internal Oscillator Frequency
fCLK
3.6
4
4.4
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com