Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100T-150SC Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AM29F100T-150SC
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100T-150SC Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AM29F100T-150SC Datasheet HTML 24Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 25Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 26Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 27Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 28Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 29Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 30Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 31Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28
Am29F100
AC CHARACTERISTICS
OE#
WE#
CE#
VCC
Data
Addresses
tDS
tAH
tDH
tWP
PD
tWHWH1
tWC
tAS
tWPH
tVCS
555h
PA
PA
Read Status Data (last two cycles)
A0h
tGHWL
tCS
Status
DOUT
Program Command Sequence (last two cycles)
RY/BY#
tRB
tBUSY
tCH
PA
Notes:
1. PA = program address, PD = program data, DOUT is the true data at the program address.
2. Illustration shows device in word mode.
Figure 13.
Program Operation Timings
18926C-13
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tGHWL
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. Illustration shows device in word mode.
Figure 14.
Chip/Sector Erase Operation Timings
18926C-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com