Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F100T-150SC Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29F100T-150SC
Description  1 Megabit (128 K x 8-bit/64 K x 16-bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F100T-150SC Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29F100T-150SC Datasheet HTML 28Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 29Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 30Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 31Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 32Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 33Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 34Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 35Page - Advanced Micro Devices AM29F100T-150SC Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Am29F100
35
PHYSICAL DIMENSIONS
TS 048—48-Pin Standard Thin Small Outline Package (measured in millimeters)
TSR048—48-Pin Reverse Thin Small Outline Package (measured in millimeters)
48
25
1
24
18.30
18.50
19.80
20.20
11.90
12.10
0.05
0.15
0.50 BSC
0.95
1.05
16-038-TS48-2
TS 048
DT95
8-8-96 lv
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0
°
5
°
0.08
0.20
48
25
1
24
18.30
18.50
19.80
20.20
11.90
12.10
SEATING PLANE
0.05
0.15
0.50 BSC
0.95
1.05
16-038-TS48
TSR048
DT95
8-8-96 lv
Pin 1 I.D.
1.20
MAX
0.50
0.70
0.10
0.21
0.25MM (0.0098") BSC
0
°
5
°
0.08
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com