Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX911-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # EE-SX911-R
Description  Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX911-R Datasheet(HTML) 8 Page - Omron Electronics LLC

  EE-SX911-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
EE-SX91
8
Dimensions (Unit: mm)
Tolerance class IT16 applies to dimensions in this datasheet unless otherwise specified.
Photomicrosensors
6
24
Optical axis
Optical axis
Sensing window
3
EE-SX910-R
EE-SX910-C1J-R
300
17.4
1.2
0.8
5.8
Indicator window
5
3.7
13.4
8.3
2.7
5
4.6
dia.
(2)
2.3
18.7
Two, 3.2 dia.
6.5
12
8
Terminal
1
2
3
4
+V
OUTPUT 2
0 V
OUTPUT 1
12 3 4
Connector Terminal Arrangement
Robot cable of 2.8 dia., 4
cores, (0.15 mm2 with 0.8-
mm dia. insulator);
Standard length: 1 m
Specifications
EE-SX910-R
EE-SX910P-R
EE-SX910-C1J-R
EE-SX910P-C1J-R
Connector Terminal Arrangement
12 3 4
Optical axis
Optical axis
Indicator window
Sensing
window
(2)
10
6.9
3.7
2
3
5
0.8
1.75
1.6
3.2
8
6 12
300
17.4
6
1.2
13.4
4
12
6.5
EE-SX911-C1J-R
EE-SX911-R
(Four, R1.6)
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.
insulator);
Standard length: 1 m
Terminal
1
2
3
4
+V
OUTPUT 2
0 V
OUTPUT 1
Specifications
EE-SX911-R
EE-SX911P-R
EE-SX911-C1J-R
EE-SX911P-C1J-R
Connector Terminal Arrangement
Sensing window
Optical axis
Optical axis
Indicator window
EE-SX912-C1J-R
EE-SX912-R
1.95
1.6
3.2
2 dia.
4.6 dia.
3.7
11.7
6.2
12
8
5
13.4
3
5
(2)
4
1.5
6.7
1.2
2.3
0.8
300
17.4
8.3
6.5
(R1.6)
6
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.
insulator);
Standard length: 1 m
12 3 4
Terminal
1
2
3
4
+V
OUTPUT 2
0 V
OUTPUT 1
Specifications
EE-SX912-R
EE-SX912P-R
EE-SX912-C1J-R
EE-SX912P-C1J-R
Indicator window
Optical axis
Optical axis
Sensing window
5
13.4
3.7
2 dia.
2.3
4.6 dia.
8
12
1.5
(2)
6.7
4
6
300
11.7
3
5
6.2
3.2
1.6
1.95
1.2
0.8
17.4
EE-SX913-C1J-R
EE-SX913-R
(R1.6)
8.3
6.5
12 3 4
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.
insulator);
Standard length: 1 m
Connector Terminal Arrangement
Terminal
1
2
3
4
+V
OUTPUT 2
0 V
OUTPUT 1
Specifications
EE-SX913-R
EE-SX913P-R
EE-SX913-C1J-R
EE-SX913P-C1J-R
300
17.4
Two, 3.2 dia.
Indicator window
Indicator window
Sensing window
Optical axis
Optical axis
16
6.5
11.5
13.4
5
3.7
(2)
1.2
0.8
6
3
8.3
8.3
8
EE-SX914-R
EE-SX914-C1J-R
12 3 4
Connector Terminal Arrangement
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.
insulator);
Standard length: 1 m
Terminal
1
2
3
4
+V
OUTPUT 2
0 V
OUTPUT 1
Specifications
EE-SX914-R
EE-SX914P-R
EE-SX914-C1J-R
EE-SX914P-C1J-R
2
10
5.8
8
10
7
16
2,000
A
B
C
D
Brown
White
Blue
Black
Terminal Arrangement
+
OUTPUT 2
−
OUTPUT 1
1
2
3
4
Robot cable of 2.8 dia., 4 cores,
(0.15 mm2 with 0.8-mm dia.insulator);
Standard length: 2 m
Accessories (Order Separately)
Connector with Robot Cable
EE-1016-R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com