Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX911-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SX911-R
Description  Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX911-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SX911-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX911-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CSM_EE-SX91_DS_E_3_1
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX91
Meeting Customer Needs with Compact
Sensors that Mount with M3 Screws
• Both light-ON and dark-ON outputs provided.
• A compact size and choice of five models for a wide
range of applications.
• Compact NPN and PNP output models.
• Mount using M3 or M2 screws.
• Indicator is visible in many directions for installation
in any location.
• Maximum load current of 100 mA.
• Models with connectors simplify wiring and maintenance.
• Flexible robot cables are standard on all models.
Be sure to read Safety Precautions on
page 6.
Features
A Compact Size and Choice of Five Models
for a Wide Range of Applications
Select any of five models to minimize the space required.
Compact NPN and PNP Output Models
Both NPN and PNP output models are available for use according to
system requirements.
Maximum Load Current of 100 mA
Output control of up to 100 mA is supported for either NPN or PNP
outputs.
Models with Connectors Simplify Wiring and
Maintenance
Using models with connectors allows wiring to be used as it is, with
no need to replace anything but sensors.
Flexible Robot Cables: Standard on All
Models
Robot Cables are effective for moving parts, and are provided as
standard equipment with all models.
Both Light-ON and Dark-ON Outputs
Both light-ON and dark-ON outputs are provided on all models,
allowing outputs to be switched by simply changing the wiring
according to the application.
Indicator Visible from Many Directions for
Installation in Any Location
The light indicator can be checked from up to four directions.
Mount Using M3 or M2 Screws
The EE-SX91 can be mounted using M3 or M2 screws, so it can
easily replace an existing compact sensor mounted with M2 screws.


Similar Part No. - EE-SX911-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX911-R OMRON-EE-SX911-R Datasheet
603Kb / 9P
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
More results

Similar Description - EE-SX911-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF73 ETC2-TSF73 Datasheet
563Kb / 1P
Compact External Mount with Temperature Sensing
BU-P72918 ETC2-BU-P72918 Datasheet
658Kb / 1P
Banana Plug with M3 Stud
logo
Cynergy3 Co
TSF70 CYNERGY3-TSF70 Datasheet
696Kb / 1P
Compact External Mount with Temperature Sensing
logo
ALPS ELECTRIC CO.,LTD.
RDC40 ALPS-RDC40_15 Datasheet
2Mb / 6P
Rotary sensors catering to diverse position detection needs
SKSG ALPS-SKSG Datasheet
783Kb / 4P
Heavy-operational and equipped with a 1.4mm tall stem and grounding, meeting in-car needs
logo
Ohmite Mfg. Co.
SINK-C40 OHMITE-SINK-C40 Datasheet
386Kb / 2P
40mm fan with 4 self-tapping M3 screws
logo
TOKYO SEIMITSU CO., LTD
MN-HALF-SLIT ACCRETECH-MN-HALF-SLIT Datasheet
442Kb / 2P
Evolved MN series that meets high blade needs of rigidity
logo
CONEC Elektronische Bau...
164A03949X CONEC-164A03949X Datasheet
81Kb / 1P
D-SUB HD ADAPTER 15-62pos. MALE / FEMALE with Adapter screws M3
03.05.2005
165X17359X CONEC-165X17359X Datasheet
55Kb / 1P
METAL HOOD 9-50pos. EMI / RFI SHIELDING with straight cable exit and jack screws M3
2007.13.11.
165X17459X CONEC-165X17459X Datasheet
81Kb / 1P
METAL HOGD 9-50pos. EMI / RFI SHIELDING with straight cable exit and short screws M3
2007.17.07.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com