Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3335ACPZ-1.8-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3335ACPZ-1.8-R7
Description  High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3335ACPZ-1.8-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP3335ACPZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP3335ACPZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Accuracy, Ultralow IQ, 500 mA,
anyCAP Low Dropout Regulator
Data Sheet
ADP3335
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2000–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High accuracy over line and load: ±0.9% at 25°C, ±1.8% over
temperature
Ultralow dropout voltage: 200 mV (typical) at 500 mA
Requires only CO = 1.0 µF for stability
anyCAP® = stable with any type of capacitor (including MLCC)
Current and thermal limiting
Low noise
Low shutdown current: < 10 nA (typical)
2.6 V to 12 V supply range
–40°C to +85°C ambient temperature range
APPLICATIONS
PCMCIA cards
Cellular phones
Camcorders, cameras
Networking systems, DSL/cable modems
Cable set-top box
MP3/CD players
DSP supplies
FUNCTIONAL BLOCK DIAGRAM
gm
CC
Q1
IN
OUT
NR
R1
BANDGAP
REF
GND
SD
ADP3335
+
R1
R2
THERMAL
PROTECTION
DRIVER
Figure 1.
NR
IN
IN
OUT
OUT
OUT
GND
SD
ADP3335
ON
OFF
VIN
CIN
1
µF
+
+
VOUT
5
3
2
1
4
6
7
8
COUT
1
µF
Figure 2. Typical Application Circuit
GENERAL DESCRIPTION
The ADP3335 is a member of the ADP333x family of precision,
low dropout, anyCAP voltage regulators. It operates with an input
voltage range of 2.6 V to 12 V, and delivers a continuous load
current up to 500 mA. The ADP3335 stands out from conventional
low dropout regulators (LDOs) by using an enhanced process
enabling it to offer performance advantages beyond its competition.
Its patented design requires only a 1.0 µF output capacitor for
stability. This device is insensitive to output capacitor equivalent
series resistance (ESR), and is stable with any good quality
capacitor—including ceramic (MLCC) types for space-restricted
applications. The ADP3335 achieves exceptional accuracy of
±0.9% at room temperature and ±1.8% over temperature, line,
and load.
The dropout voltage of the ADP3335 is only 200 mV (typical) at
500 mA. This device also includes a safety current limit, thermal
overload protection, and a shutdown feature. In shutdown mode,
the ground current is reduced to less than 1 µA. The ADP3335 has
a low quiescent current of 80 µA (typical) in light load situations.


Similar Part No. - ADP3335ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3335ACPZ-1.8-R7 AD-ADP3335ACPZ-1.8-R7 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3335ACPZ-1.8-R7 AD-ADP3335ACPZ-1.8-R7 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ACPZ-1.8-R7 AD-ADP3335ACPZ-1.8-R7 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
More results

Similar Description - ADP3335ACPZ-1.8-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV.0
ADP3334 AD-ADP3334 Datasheet
230Kb / 8P
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV.0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV.0
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com