Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM53CF94
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM53CF94 Datasheet HTML 27Page - Advanced Micro Devices AM53CF94 Datasheet HTML 28Page - Advanced Micro Devices AM53CF94 Datasheet HTML 29Page - Advanced Micro Devices AM53CF94 Datasheet HTML 30Page - Advanced Micro Devices AM53CF94 Datasheet HTML 31Page - Advanced Micro Devices AM53CF94 Datasheet HTML 32Page - Advanced Micro Devices AM53CF94 Datasheet HTML 33Page - Advanced Micro Devices AM53CF94 Datasheet HTML 34Page - Advanced Micro Devices AM53CF94 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
P R E L I M I N A R Y
AMD
31
Am53CF94/Am53CF96
Forced Test Mode Register (0AH) Write
3
Forced Test Mode Register
FTMREG
Address: 0AH
Type: Write
7654
210
RES
RES
RES
RES
RES
FHI
FIM
FTM
xxxxx
0
0
0
Reserved
Reserved
Reserved
Reserved
Forced High Impedance Mode
Forced Initiator Mode
Forced Target Mode
Reserved
17348B-30
The Forced Test Mode Register (FTMREG) is for test
use only. The STE bit in the Control Register One
(CNTLREG1) must be set for the FTMREG to operate.
FTMREG – Bits 7:3 – RES – Reserved
FTMREG – Bit 2 – FHI – Forced High Impedance
Mode
The FHI bit when set places all the output and bidirec-
tional pins into a high impedance state. It is zeroed by a
hardware or chip reset.
FTMREG – Bit 1 – FIM – Forced Initiator Mode
The FIM bit when set forces the ESC into the Initiator
mode. As an Initiator, the device will drive SCSI data
lines, and
ACK or ATN (depending on the bus phase and
the command loaded in the Command Register). The
ESC will remain in this mode for as long as
BSY is as-
serted, or until a Reset SCSI Bus or Reset Device com-
mand occurs. During normal operation this bit must not
be set.
FTMREG – Bit 0 – FTM – Forced Target Mode
The FTM bit when set forces the ESC into the Target
mode. As a Target, the device does not assert
BSY;
rather, it drives SCSI data lines,
REQ, MSG, C/D or I/O
(depending on the command loaded in the Command
Register). The ESC will remain in this mode until a Dis-
connect Steps, Reset SCSI Bus, or Reset Device com-
mand occurs. During normal operation this bit must not
be set.
Control Register Two (0BH) Read/Write
Data Alignment Enable
Control Register Two
CNTLREG2
Address: 0BH
Type: Read/Write
76543
210
DAE
ENF
SBO
TSDR
S2FE
ACDPE
PGRP
PGDP
0000
0
000
Enable Features
Select Byte Order
Tri-State DMA Request
SCSI-2 Features Enable
Abort on Command/Data Parity Error
Pass Through/Generate Register Parity
Pass Through/Generate Data Parity
17348B-31
The Control Register Two (CNTLREG2) sets up the de-
vice with various operating parameters.
CNTLREG2 – Bit 7 – DAE – Data Alignment Enable
The DAE bit is used in the Initiator Synchronous Data-In
phase only. When the DAE bit is set one byte is reserved
at the bottom of the FIFO when the phase changes to
the Synchronous Data-In phase. The contents of this
byte will become the lower byte of the DMA word (16-bit)
transferred to the memory, the upper byte being the first
byte of the first word received from the SCSI bus.
Note:
If an interrupt is received for a misaligned boundary on a
phase change to synchronous data the following recov-
ery procedure may be followed. The host processor
should copy the byte at the start address in the host
memory to the Data Alignment Register 0FH (DALREG)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com