Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53CF94 Datasheet(PDF) 48 Page - Advanced Micro Devices

Part # AM53CF94
Description  Enhanced SCSI-2 Controller (ESC)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94 Datasheet(HTML) 48 Page - Advanced Micro Devices

Back Button AM53CF94 Datasheet HTML 44Page - Advanced Micro Devices AM53CF94 Datasheet HTML 45Page - Advanced Micro Devices AM53CF94 Datasheet HTML 46Page - Advanced Micro Devices AM53CF94 Datasheet HTML 47Page - Advanced Micro Devices AM53CF94 Datasheet HTML 48Page - Advanced Micro Devices AM53CF94 Datasheet HTML 49Page - Advanced Micro Devices AM53CF94 Datasheet HTML 50Page - Advanced Micro Devices AM53CF94 Datasheet HTML 51Page - Advanced Micro Devices AM53CF94 Datasheet HTML 52Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
P R E L I M I N A R Y
AMD
48
Am53CF94/Am53CF96
1tPWL
Clock Pulse Width Low
0.4
• tCP
0.6
• tCP
ns
2tCP
Clock period (1
÷ Clock Frequency)
25
50
ns
3A
tL
Synchronization latency
54.58
2
• tCP
ns
4tPWH
Clock Pulse Width High
0.4
• tCP
0.6
• tCP
ns
1tPWL1
Clock Pulse Width Low
14.58
0.65
• tCP
ns
2tCP
Clock period (1
÷ Clock Frequency)
40
100
ns
3tL
Synchronization latency
54.58
tPWL + tCP
ns
4tPWH1
Clock Pulse Width High
14.58
0.65
• tCP
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Clock Input
Note:
Clock Frequency Range for Fast Clk disabled.
= 10 MHz to 25 MHz for Asynchronous transmission
= 12 MHz to 25 MHz for Synchronous transmission
1For Synchronous data transmissions, the following conditions
must be true:
2tCP + tPWL
> 97.92 ns
2tCP + tPWH
> 97.92 ns
FastClk Disabled (Control Register Three (0CH) bit 3=0)
Note:
Clock Frequency Range for Fast Clk enabled.
= 20 MHz to 40 MHz for Asynchronous Transmission
= 20 MHz to 40 MHz for Synchronous Transmission
FastClk Enabled (Control Register Three (0CH) bit 3=1)
CLK
2
41
3
17348B-37
3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com