Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7996JC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM7996JC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996JC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM7996JC Datasheet HTML 2Page - Advanced Micro Devices AM7996JC Datasheet HTML 3Page - Advanced Micro Devices AM7996JC Datasheet HTML 4Page - Advanced Micro Devices AM7996JC Datasheet HTML 5Page - Advanced Micro Devices AM7996JC Datasheet HTML 6Page - Advanced Micro Devices AM7996JC Datasheet HTML 7Page - Advanced Micro Devices AM7996JC Datasheet HTML 8Page - Advanced Micro Devices AM7996JC Datasheet HTML 9Page - Advanced Micro Devices AM7996JC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AMD
6
Am7996
APPLICATIONS
The Am7996 is compatible with Ethernet Version 2 and
IEEE 802.3 10BASE5 and 10BASE2 applications. (See
Figure 1).
Local
CPU
Local
Memory
Am7990
LANCE
Am7992B
SIA
Local Bus
Am7996
Transceiver
Power
Supply
Ethernet
Coax
RG58
BNC "T"
Ethernet
DTE
AUI
Cable
MAU
Tap
AUI - Attachment Unit Interface
DTE - Data Terminal Equipment
MAU - Media Access Unit
Cheapernet
Local
CPU
Local
Memory
Am7990
LANCE
Am7992B
SIA
DTE
Am7996
Transceiver
Power
Supply
Local Bus
07506E-4
Figure 1. Typical Ethernet Node
Table 1.
Transmit Mode Collision Detect
Function Table
MAU
Mode of Operation
< 2
= 2
> 2
Transmitting
No
Yes
Yes
Not Transmitting
No
May
Yes
Number of Transmitters
Table 2.
IEEE 802.3 Recommended Transmit
Mode Collision Detect Thresholds
No Detect
Must Detect
10BASE5, Ethernet
–1.492 V
–
10BASE2, Cheapernet
–1.404 V
–1.782 V
IEEE 802.3
Threshold Voltage Level
Table 3.
Receive Mode Collision Detect
Function Table
MAU
Mode of Operation
< 2
= 2
> 2
Transmitting
No
Yes
Yes
Not Transmitting
No
Yes
Yes
Number of Transmitters
Table 4.
IEEE 802.3 Recommended Receive
Mode Collision Detect Thresholds
No Detect
Must Detect
10BASE5, Ethernet
–1.492 V
–1.629 V
10BASE2, Cheapernet
–1.404 V
–1.581 V
IEEE 802.3
Threshold Voltage Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com