Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7996JC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM7996JC
Description  IEEE 802.3/Ethernet/Cheapernet Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7996JC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM7996JC Datasheet HTML 1Page - Advanced Micro Devices AM7996JC Datasheet HTML 2Page - Advanced Micro Devices AM7996JC Datasheet HTML 3Page - Advanced Micro Devices AM7996JC Datasheet HTML 4Page - Advanced Micro Devices AM7996JC Datasheet HTML 5Page - Advanced Micro Devices AM7996JC Datasheet HTML 6Page - Advanced Micro Devices AM7996JC Datasheet HTML 7Page - Advanced Micro Devices AM7996JC Datasheet HTML 8Page - Advanced Micro Devices AM7996JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FINAL
Publication# 07506
Rev: E Amendment/0
Issue Date: May 1994
1
Am7996
IEEE 802.3/Ethernet/Cheapernet Transceiver
DISTINCTIVE CHARACTERISTICS
s Compatible with Ethernet Version 2 and
IEEE 802.3 10BASE-5 and10BASE-2
specifications
s Pin-selectable SQE Test (heartbeat) option
s Internal jabber controller prevents excessive
transmission time
s Noise rejection filter ensures that only valid data
is transmitted onto the network
s Collision detection on both transmit and receive
data
s Collision detect threshold levels adjustable for
other networking applications
GENERAL DESCRIPTION
The Am7996 IEEE 802.3/Ethernet/Cheapernet Trans-
ceiver suppor ts Ethernet Version 2, IEEE 802.3
10BASE-5 and IEEE 802.3 10BASE-2—Cheapernet)
transceiver applications. Transmit, receive, and colli-
sion detect functions at the coaxial media interface to
the data terminal equipment (DTE) are all performed by
this single device.
In an IEEE 802.3 (10BASE-5)/Ethernet application, the
Am7996 interfaces the coaxial (0.4
″ diameter) media to the
DTE through an isolating pulse transformer and the 78
Ω
attachment unit interface (AUI) cable. In IEEE 802.3
10BASE-2—Cheapernet applications, the Am7996 typi-
cally resides inside the DTE with its signals to the DTE iso-
lated and the coaxial (0.2
″ diameter) media directly
connected to the DTE. Transceiver power and ground in
both applications are isolated from that of the DTE.
The Am7996’s tap driver provides controlled skew and
current drive for data signaling onto the media.The jabber
controller prevents the node from transmitting exces-
sively. While transmitting, collisions on the media are de-
tected if one or more additional stations are transmitting.
The Am7996 features an optional SQE Test function
that provides a signal on the Cl pair at the end of every
transmission. The SQE Test indicates the operational
status of the Cl pair to the DTE. It can also serve as an
acknowledgment to the node that packet transmission
onto the coax was completed.
BLOCK DIAGRAM
Line
Driver
Line
Driver
Transmit
Data
Amplifier
Control
Logic
Carrier
Detect
Circuit
Receive
Data
Amplifier
Collision
Detect
Circuit
Jabber
Timer
SQE Test
Generator
Transmit
Squelch
Input
Buffer
SQE TEST
DO+
DO–
Control
Logic
Tap
Driver
TXT
Input
Buffer
CI+
CI–
DI+
DI–
RXT
07506E-1


Similar Part No. - AM7996JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM7996EVAL-HW AMD-AM7996EVAL-HW Datasheet
39Kb / 2P
Ethernet/Cheapernet Transceiver Evaluation Kit
More results

Similar Description - AM7996JC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34055 MOTOROLA-MC34055 Datasheet
184Kb / 16P
IEEE 802.3 10BASE-T TRANSCEIVER
logo
Advanced Micro Devices
AM7996EVAL-HW AMD-AM7996EVAL-HW Datasheet
39Kb / 2P
Ethernet/Cheapernet Transceiver Evaluation Kit
logo
Premier Magnetics, Inc.
A8DB101150 PMI-A8DB101150 Datasheet
64Kb / 2P
ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4402 AVAGO-HFBR-4402 Datasheet
234Kb / 24P
Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
logo
Level One
POR-0200 LVL1-POR-0200 Datasheet
623Kb / 3P
IEEE 802.3 10Base-T, Ethernet
POR-0202 LVL1-POR-0202 Datasheet
708Kb / 3P
IEEE 802.3 10Base-T, Ethernet
POR-1200 LVL1-POR-1200 Datasheet
454Kb / 3P
IEEE 802.3 10Base-T, Ethernet
POR-1202 LVL1-POR-1202 Datasheet
521Kb / 3P
IEEE 802.3 10Base-T, Ethernet
logo
Bothhand USA, LP.
TS8019-HF BOTHHAND-TS8019-HF Datasheet
248Kb / 2P
IEEE 802.3/ANSI X3.263 compliant performance
logo
Keysight Technologies
N1081A KEYSIGHT-N1081A Datasheet
3Mb / 13P
IEEE 802.3 Ethernet Compliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com