Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C30AJC Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C30AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30AJC Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C30AJC Datasheet HTML 79Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 80Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 81Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 82Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 83Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 84Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 85Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 86Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
Am79C30A/32A Data Sheet
83
OSC (XTAL2) Timing
Note:
Frequency = 12.288 MHz ±80 ppm.
MCLK Timing
Figure 33.
External Clock Driver (XTAL2) Timing
Parameter Symbol
Parameter Description
Test Conditions
Min
Max
Units
tCLCL
Oscillator Period
81.374
81.387
ns
tCH
High Time
33
ns
tCL
Low Time
33
ns
tCLCH
Rise Time
10
ns
tCHCL
Fall Time
10
ns
Parameter Symbol
Parameter Description
Test Conditions
Min
Max
Units
tD
XTAL2 VCC/2 to
MCLK VCC/2
MCLK Load < 80pF
60
ns
tRISE1
Rise Time
MCLK Load < 80pF
0.5 V to (VCC–0.5V)
15
ns
tRISE2
Rise Time
MCLK Load < 40pF
1.0 V to 3.5 V
5ns
tFALL1
Fall Time
MCLK Load < 80pF
(VCC–0.5V) to 0.5 V
15
ns
tFALL2
Fall Time
MCLK Load < 40pF
3.5 V to 1.0 V
5ns
tPWH
High Pulse Width
12.288 MHz
6.144 MHz
4.069 MHz
3.072 MHz
1.536 MHz
768 kHz
384 kHz
MCLK Load < 80pF
33
73
114
155
317
643
1.294
ns
ns
ns
ns
ns
ns
µs
tPWL
Low Pulse Width
12.288 MHz
6.144 MHz
4.096 MHz
3.072 MHz
1.536 MHz
768 kHz
384 kHz
MCLK Load < 80pF
33
73
114
155
317
1.294
ns
ns
ns
ns
ns
µs
09893H-25
tCHCL
tCLCH
tCLCL
tCL
0.5 V
VCC – 0.5 V*
tCH
Note:
*Not TTL VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com