Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C30AJC Datasheet(PDF) 85 Page - Advanced Micro Devices

Part # AM79C30AJC
Description  Digital Subscriber Controller??(DSC?? Circuit
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C30AJC Datasheet(HTML) 85 Page - Advanced Micro Devices

Back Button AM79C30AJC Datasheet HTML 81Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 82Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 83Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 84Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 85Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 86Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 87Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 88Page - Advanced Micro Devices AM79C30AJC Datasheet HTML 89Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
Am79C30A/32A Data Sheet
85
Figure 35.
SBP Mode Timing
Figure 36.
SBP Mode MCLK/SCLK/SFS Timing
09893H-27
SCLK
Ta
Tb
Tp
SBIN or SBOUT
SFS
Bd
Be
Bf
T1
T1
Notes:
1. For PPCR2(0) = 0, SBIN data is sampled on the rising edge of SCLK; SBOUT data is changed on the falling edge of SCLK.
For PPCR2(0) = 1, SBIN data is sampled on the falling edge of SCLK; SBOUT data is changed on the rising edge of SCLK.
2. T1 width is eight SCLK periods.
BCL/CH2STRB
MCLK (6.144 MHz)
SCLK (192 kHz)
tMCSC
tCHFS
tCLDO
tCLDO
tCHFS
*SFS (8 kHz)
SBOUT
SBIN
tDICH
tCHDZ
Notes:
1. CH2STRB timing is identical to SFS timing but delayed by eight SCLK cycles.
2. This timing diagram reflects SCLK for PPCR2(0) = 0. For PPCR2(0) = 1, the diagram is identical except that the SCLK
waveform should be inverted.
09893H-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com