Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90JC Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM79C90JC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90JC Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM79C90JC Datasheet HTML 25Page - Advanced Micro Devices AM79C90JC Datasheet HTML 26Page - Advanced Micro Devices AM79C90JC Datasheet HTML 27Page - Advanced Micro Devices AM79C90JC Datasheet HTML 28Page - Advanced Micro Devices AM79C90JC Datasheet HTML 29Page - Advanced Micro Devices AM79C90JC Datasheet HTML 30Page - Advanced Micro Devices AM79C90JC Datasheet HTML 31Page - Advanced Micro Devices AM79C90JC Datasheet HTML 32Page - Advanced Micro Devices AM79C90JC Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
P R E L I M I N A R Y
AMD
29
Am79C90
Bit
Name
Description
15
OWN
This bit indicates that the descriptor
entry is owned by the host (OWN =
O) or by the C-LANCE (OWN = 1).
The host sets the OWN bit after filling
the buffer pointed to by this descrip-
tor. The C-LANCE clears the OWN
bit after transmitting the contents of
the buffer. Neither the host nor the C-
LANCE may alter a descriptor entry
after it has relinquished ownership.
14
ERR
ERROR summary is the “OR” of
LCOL, LCAR, UFLO or RTRY.
13
ADD_FCS
Setting ADD_FCS=1, instructs the
controller to append a CRC to this
transmitted frame, regardless of the
setting of the DTCR bit (bit 3 in the
Mode Register). The ADD_FCS bit
allows the controller to be configured
to append CRC on a per packet ba-
sis, when DTCR=1.
ADD_FCS is
only valid when STP=1.
12
MORE
MORE indicates that more than one
retry was needed to transmit a
packet.
11
ONE
ONE indicates that exactly one retry
was needed to transmit a packet.
The ONE flag is not valid when
LCOL is set.
10
DEF
DEFERRED
indicates
that
the
C-LANCE had to defer while trying to
transmit a packet. This condition oc-
curs if the channel is busy when the
C-LANCE is ready to transmit.
09
STP
START OF PACKET indicates that
this is the first buffer to be used by
the C-LANCE for this packet. It is
used for data chaining buffers. STP
is set by the host and is not changed
by the C-LANCE. The STP bit must
be set in the first buffer of the packet,
or the C-LANCE will skip over this
descriptor and poll the next descrip-
tor(s) until the OWN and STP bits
are set.
08
ENP
END OF PACKET indicates that this
is the last buffer to be used by the C-
LANCE for this packet. It is used for
data chaining buffers. If both STP
and ENP are set, the packet fits into
one buffer and there is no data
chaining. ENP is set by the host and
is not changed by the C-LANCE.
07:00
HADR
The HIGH ORDER 8 address bits of
the buffer pointed to by this descrip-
tor. This field is written by the host
and is not changed by the C-LANCE.
Transmit Message Descriptor 2 (TMD2)
15
0
17881B-31
12 11
BCNT
ONES
Bit
Name
Description
15:12
ONES
Must be ones. This field is set by the
host and is not changed by the
C-LANCE.
11:00
BCNT
BUFFER BYTE COUNT is the us-
able length in bytes of the buffer
pointed to by this descriptor ex-
pressed as a negative two’s comple-
ment number. This is the number of
bytes from this buffer that will be
transmitted by the C-LANCE. This
field is written by the host and is not
changed by the C-LANCE. The first
buffer of a packet has to be at least
100 bytes minimum when data
chaining and 64 byte (DTCR = 1) or
60 bytes (DCTR = 0) when not data
chaining.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com