Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C90JC Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C90JC
Description  CMOS Local Area Network Controller for Ethernet (C-LANCE)
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C90JC Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C90JC Datasheet HTML 52Page - Advanced Micro Devices AM79C90JC Datasheet HTML 53Page - Advanced Micro Devices AM79C90JC Datasheet HTML 54Page - Advanced Micro Devices AM79C90JC Datasheet HTML 55Page - Advanced Micro Devices AM79C90JC Datasheet HTML 56Page - Advanced Micro Devices AM79C90JC Datasheet HTML 57Page - Advanced Micro Devices AM79C90JC Datasheet HTML 58Page - Advanced Micro Devices AM79C90JC Datasheet HTML 59Page - Advanced Micro Devices AM79C90JC Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 62 page
background image
56
Am79C90
Table B-1.
Comparison Summary of the C-LANCE and LANCE Devices
Description
Am79C90 C-LANCE
Am7990 LANCE
1
Process/Power
Consumption
0.8-micron CS-21S CMOS process
I
CC ≤ 50 mA
NS-8B NMOS process
I
CC ≤ 270 mA
2
FIFOs
Dual FIFOs: 48-byte TX, 64-byte RX
Single FIFO: 48-byte TX/RX
3
Transmit Lockout Due to
Receive
Will not occur with dual FIFOs and
enhanced microcode.
May occur in high receive rate situations
with “less than optimal” bus latencies.
4
Per-Packet FCS
Transmit descriptor bit is used to allow per-
packet addition of CRC when DTCR is set in
the MODE register.
No per-packet CRC control provided.
5
Backoff Algorithm
Selectable Modified Backoff Algorithm or
standard backoff algorithm.
Only standard backoff algorithm available.
6
TX Descriptor Zero Buffer
Byte Count Capability
Allows TX buffer byte count of zero.
No capability for TX buffer byte count of zero.
7
Interframe Spacing (IFS)
Behavior
a) Implements two-part deferral after
transmit
b) Part 1 of two-part deferral after receive is
6
µs
c) Heartbeat window = 4
µs
d) Receive blind time after receive less than
500 ns
a) One-part deferral after transmit
b) Part 1 of two-part deferral after receive is
4.1
µs
c) Heartbeat window = 2
µs
d) Receive blind time after receive = 4.1
µs
8
“Heartbeat OK” (No CERR)
Definition
Heartbeat OK if collision is asserted at any
time from the beginning of the transmission
to the end of the heartbeat window.
Heartbeat OK if collision is asserted during
the heartbeat window.
9
Receive Lockup
Will not occur.
May occur when bus latency is large.
10
ALE Behavior
ALE may be driven HIGH at end of bus
mastership when ACON is set to 0. When
ACON is set to 1, ALE is not driven LOW at
end of bus mastership period.
ALE may be driven LOW at end of bus
mastership when ACON is set to 1. When
ACON is set to 0, ALE is not driven HIGH at
end of bus mastership period.
11
External Loopback on a Live
Network
No problems.
May receive invalid loopback failure
indications.
12
Software Reset (STOP Bit)
Handling
a) STOP bit in CSR0 is latched. When STOP
is set, the slave cycle is allowed to
complete before the C-LANCE resets.
b) CSR1 and CSR2 contents are preserved
when the STOP bit is set to one.
a) STOP bit in CSR0 not latched and will
reset the device immediately when
written.
b) CSR1 and CSR2 are not preserved when
the STOP bit is set to one.
13
CSR0 Slave Read Data
Stability
CSR0 latched during Slave reads to
guarantee timing on DAL lines.
CSR0 not latched during Slave read cycles
(could give timing violations on DAL lines).
14
INEA Bit Behavior
INEA bit can be set in CSR0 at any time,
regardless of the state of the STOP bit.
INEA cannot be set in CSR0 while the STOP
bit is set.
15
Effect of Setting the STOP
Bit on CSR0 Bits
Setting the STOP bit in CSR0 when the
STOP bit is already set does not affect any
of the other bits in CSR0 (they are not
cleared).
Setting the STOP bit in CSR0 causes all of
the other bits in CSR0 to clear, regardless of
the previous state of the STOP bit.
16
AC Specification Changes
#06 (t
TEP) maximum = 60 ns
#08 (t
TDP) maximum = 60 ns
#18 (t
RDS) minimum = 35 ns
#30 (t
RDAS) minimum = 40 ns
#45 (t
RDYS) minimum = 65 ns
#06 (t
TEP) maximum = 70 ns
#08 (t
TDP) maximum = 70 ns
#18 (t
RDS) minimum = 40 ns
#30 (t
RDAS) minimum = 50 ns
#45 (t
RDYS) minimum = 75 ns
17
Burn-In Option
The burn-in option for the C-LANCE is no
longer available.
18
RX Descriptor Zero Buffer
Byte Count Handling
Unpredictable results when the RX
Descriptor Buffer Byte Count is set to zero.
Interprets a BCNT field setting of zero in a
receive descriptor as a 4096-byte buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com