Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C983A Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 17Page - Advanced Micro Devices AM79C983A Datasheet HTML 18Page - Advanced Micro Devices AM79C983A Datasheet HTML 19Page - Advanced Micro Devices AM79C983A Datasheet HTML 20Page - Advanced Micro Devices AM79C983A Datasheet HTML 21Page - Advanced Micro Devices AM79C983A Datasheet HTML 22Page - Advanced Micro Devices AM79C983A Datasheet HTML 23Page - Advanced Micro Devices AM79C983A Datasheet HTML 24Page - Advanced Micro Devices AM79C983A Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
Am79C983A
21
PRELIMINARY
Table 1. Management Registers (Continued)
Reg. No.
Register Bank 4
Port Status Registers
Register Bank 5
RMON Registers
Register Bank 7
Management Support
Registers
Register Bank 16-30
Port Attribute Registers
0
Partitioning Status of Ports
etherStatsOctets
Device ID
Readable Frames
1
etherStatsPkts
Readable Octets
2
Link Test Status of Ports
etherStatsBroadcastPkts
Sample Error Status
Frame Check Sequence
Errors
3
Loopback Error Status
etherStatsMulticastPkts
Report Packet Size
Alignment Errors
4
Receive Polarity Status
etherStatsCRCAlignErrors
Statistics Control
Frames Too Long
5
SQE Test Status
etherStatsUndersizePkts
Short Events
6
etherStatsOversizePkts
Runts
7
etherStatsFragments
Collisions
8
etherStatsJabbers
Late Events
9
etherStatsCollisions
Very Long Events
10
etherStats64Octets
Data Rate Mismatches
11
etherStats65to127Octets
Auto Partition
12
etherStats128to255-
Octets
Source Address
Changes
13
etherStats256to511-
Octets
Readable Broadcast
Frames
14
etherStats512to1023-
Octets
Last Source Address
15
etherStats1024to1518-
Octets
Readable Multicast Frames
16
Activity
Preferred Source
Address
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com