Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C983A Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C983A
Description  Integrated Multiport Repeater 2 (IMR2??
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C983A Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C983A Datasheet HTML 35Page - Advanced Micro Devices AM79C983A Datasheet HTML 36Page - Advanced Micro Devices AM79C983A Datasheet HTML 37Page - Advanced Micro Devices AM79C983A Datasheet HTML 38Page - Advanced Micro Devices AM79C983A Datasheet HTML 39Page - Advanced Micro Devices AM79C983A Datasheet HTML 40Page - Advanced Micro Devices AM79C983A Datasheet HTML 41Page - Advanced Micro Devices AM79C983A Datasheet HTML 42Page - Advanced Micro Devices AM79C983A Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
Am79C983A
39
PRELIMINARY
Pn/AUI/RAUI/EP
0
Last
Source
Address
Lock
disabled
1
Last
Source
Address
Lock
enabled
Note: Setting a bit on this register invalidates the cor-
responding Source Address Changes Register.
Register Bank 4: Port Status Registers
These registers are accessed by writing 0000 0100 to
the C register.
Partitioning Status of Ports
Address:
1110 0000
These bits indicate the partition status of the corre-
sponding ports. Ports that are partitioned will transmit
packets. However, the IMR2 device will not repeat
packets received by a partitioned port.
Pn/AUI/RAUI
0
Port partitioned
1
Port connected
Link Test Status of Ports
Address:
1110 0010
The register bits indicate the Link Test Status of the cor-
responding ports. The bit setting is based on data re-
ceived by the QuIET device. Therefore, the bit setting is
invalid if a non-QuIET transceiver is used for the port.
TPn/SPn
0
Link Test failed
1
Link Test passed
Loopback Error Status
Address:
1110 0011
When a packet is transmitted, the DO signal is looped
back to the IMR2 device through the corresponding DI
pins. When a bit on this register is set, data is not being
looped back to the IMR2 device.
Pn/AUI/RAUI
0
No Loopback Error
1
Loopback Error
Note: The RAUI bit is not valid when the RAUI port is
in the reverse mode.
Receive Polarity Status
Address:
1110 0100
Each register bit represents the receive polarity status
of the corresponding port. The bit setting is based on
data received from the QuIET device through the serial
interface. If another transceiver device is used, the bit
setting reflects what is on the corresponding SDATA.
TPn/SPn
0
Polarity correct
1
Polarity reversed
SQE Test Status
Address:
1110 0101
These register bits reflect the status of the last packet
received from the corresponding port. The RAUI bit is
not valid when the RAUI port is in the reverse mode.
Pn/AUI/RAUI
0
No SQE Test Error
1
SQE Test Error
Register Bank 5: RMON Registers
The RMON registers can be accessed by writing to ad-
dress 0000 0101 and then accessing the individual reg-
isters. The RMON registers are 32-bit counters and
comply with etherStatsEntry of the statistics group of
the RMON MIB (RFC 1757) or etherHistoryEntry of the
History group of RFC 1757. They are 4 bytes long and
are read low order byte to high order byte.
The RMON registers can usually only be read. How-
ever, they can be written to when the Repeater Reset
bit or the Management Reset bit on the Device Config-
uration Register is set.
etherStatsOctets
Address:
1110 0000
The value in this register represents the total number of
octets received (excluding preamble bits, but including
FCS bits) by the IMR2 device.
etherStatsPkts
Address:
1110 0001
The value in this register represents the total number of
packets received by the IMR2 device.
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read
Byte 0
Byte 1
LSB
MSB
TP7
TP6 TP5
TP4
TP3
TP2
TP1
TP0
SP3 SP2 SP1 SP0 TP11
TP9 TP8
Byte 0
Byte 1
D Port Read
LSB
MSB
TP10
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read
Byte 0
Byte 1
MSB
LSB
TP7 TP6 TP5 TP4 TP3 TP2 TP1 TP0
SP3 SP2 SP1 SP0 TP11 TP10 TP9 TP8
Byte 0
Byte 1
D Port Read
LSB
MSB
P7
P6
P5
P4
P3
P2
P1
P0
0
0
RAUI
AUI P11 P10 P9
P8
D Port Read
Byte 0
Byte 1
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com