Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C984A Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C984A
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984A Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C984A Datasheet HTML 17Page - Advanced Micro Devices AM79C984A Datasheet HTML 18Page - Advanced Micro Devices AM79C984A Datasheet HTML 19Page - Advanced Micro Devices AM79C984A Datasheet HTML 20Page - Advanced Micro Devices AM79C984A Datasheet HTML 21Page - Advanced Micro Devices AM79C984A Datasheet HTML 22Page - Advanced Micro Devices AM79C984A Datasheet HTML 23Page - Advanced Micro Devices AM79C984A Datasheet HTML 24Page - Advanced Micro Devices AM79C984A Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
P R E L I M I N A R Y
Am79C984A
21
Figure 5. Internal Arbitration—eIMR Devices in Cascade
Control Functions
The eIMR device receives control commands in the
form of byte-length data on the serial input pin, SI. If the
eIMR device is expected to provide data in response to
the command, it will send byte-length data to the serial-
output pin, SO. Both the input and output data streams
are clocked with the rising edge of the SCLK signal.
The byte-length data is in RS232 serial-data format;
that is, one start bit followed by eight data bits. The ex-
ternally generated clock at the SCLK pin may be either
a free-running clock synchronized to the input bit pat-
terns, or a series of individual transitions meeting the
setup-and-hold times with respect to the input bit pat-
tern. If the latter method is used, 20 SCLK clock transi-
tions are required for control commands that produce
SO data, and 14 SCLK clock transitions are required
for control commands that do not produce SO data.
VDD
20650A-10
1k
Ω
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
SELI_0
SELI_1
SELO
20650B-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com