Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C984A Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C984A
Description  enhanced Integrated Multiport Repeater (eIMR??
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C984A Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C984A Datasheet HTML 9Page - Advanced Micro Devices AM79C984A Datasheet HTML 10Page - Advanced Micro Devices AM79C984A Datasheet HTML 11Page - Advanced Micro Devices AM79C984A Datasheet HTML 12Page - Advanced Micro Devices AM79C984A Datasheet HTML 13Page - Advanced Micro Devices AM79C984A Datasheet HTML 14Page - Advanced Micro Devices AM79C984A Datasheet HTML 15Page - Advanced Micro Devices AM79C984A Datasheet HTML 16Page - Advanced Micro Devices AM79C984A Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
P R E L I M I N A R Y
Am79C984A
13
an I/O and must be pulled to VDD via a minimum equiv-
alent resistance of 1 k
Ω. When the eIMR device expan-
sion port is configured for IMR+ mode, COL is an input
driven by an external arbiter.
Control Port
AMODE
AUI Mode
Input
At reset, this pin sets the AUI port to either normal or
reversed mode. If AMODE is LOW at the rising edge of
RST, the AUI port is set to the normal mode; if AMODE
is HIGH, the AUI port is set to the reversed mode.
SCLK
Serial Clock In
Input
Serial data (input or output) is clocked (in or out) on the
rising edge of the signal on this pin. SCLK is asynchro-
nous to CLK and can operate at frequencies up to 10
MHz.
SI
Serial In
Input
The SI pin is used as a test/control serial input port.
Control commands are clocked in on this pin synchro-
nous to SCLK input.
At reset, SI sets the state of the Automatic Polarity Re-
versal function. If SI is HIGH at the rising edge of RST,
Automatic Polarity Reversal is disabled. If SI is LOW at
the rising edge of RST, Automatic Polarity Reversal is
enabled.
SO
Serial Out
Output
The SO pin is used as a control command serial output
port. Responses to control commands are clocked out
on this pin synchronous to the SCLK input.
LED Interface
LDA0-4, LDB0-4
LED Drivers
Output, Open Drain
LDA0-4 and LDB0-4 drive LED Bank A and LED Bank B,
respectively. LDA0 and LDB0 indicate the status of the
AUI port; LDA1-4 and LDB1-4 indicate the status of the
four TP ports. The port attributes monitored by LDA0-4
and LDB0-4 are programmed by three pins, LDC0-2.
LDGA
Global LED Driver, Bank A
Output, Open Drain
LDGA is the Global LED driver for LED Bank A. The
signal represents global CRS or COL conditions. In a
multiple-eIMR configuration, LDGA from each of the
eIMR devices can be tied together to drive a single glo-
bal LED in Bank A.
LDGB
Global LED Driver, Bank B
Output, Open Drain
LDGB is the Global LED driver for LED Bank B. The
signal represents global CRS or JAB conditions. In a
multiple eIMR configuration, LDGB from each of the
eIMR devices can be tied together to drive a single glo-
bal LED in Bank B.
LDC0-2
LED Control
Input
These pins select the attributes that will be displayed
on LDA0-4, LDB0-4, LDGA, and LDGB. If an LED is pro-
grammed to display two attributes, the attribute associ-
ated with the periodic blink takes precedence.
ACT0-7
Activity Display
Output
These signals drive the activity LEDs, which indicate
the percentage of network utilization. The display is up-
dated every 250 ms.
Miscellaneous Pins
RST
Reset
Input, Active LOW
When RST is LOW, the eIMR device resets to its default
state. On the rising (trailing) edge of RST, the eIMR also
monitors the state of the SELI0-1, SI, and AMODE pins,
to configure the operating mode of the device. In multi-
ple eIMR systems, the falling (leading) edge of the RST
signal must be synchronized to CLK.
CLK
Master Clock In
Input
This pin is a 20-MHz clock input.
REXT
External Reference
Input
This pin is used for an internal current reference. It must
be tied to VDD via a 13-k
Ω resistor with 1% tolerance.
VDD
Power
Power Pin
This pin supplies power to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com