Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPG-COM3 Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # FPG-COM3
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM3 Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button FPG-COM3 Datasheet HTML 16Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 17Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 18Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 19Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 20Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 21Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 22Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 23Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 24Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
FP
S (Sigma)
Specification tables
Input specifications
Insulation method
Optical coupler
Rated input voltage
24VDC
Input voltage range
21.6 to 26.4VDC
Rated input current
3.5mA–8mA depends on input no.
Input points per common
8 points/common (FPG-C24), 16 points/common (FPG-C32/C28), 32 points/common (FPG-XY64)
Either the positive or negative of input power supply can be connected to terminal
Min. ON voltage /
Max. OFF current
19.2V / 3mA–6mA depending on input no.
Max. ON voltage /
Min. OFF current
2.4V / 1.3mA
Input impedance
3k–6.8k depends on input no.
Response time
CPU:
Expansion:
1ms or less, 5µs (HSC, pulse catch, interrupt input)
0.2ms (OFF
→ ON)
0.3ms (ON
→ OFF)
Operating indicator
LED
Output specifications – relay output type
Output type
Normally open (1 Form A)
Rated control capacity
2A 250VAC, 2A 30VDC (max. 4.5A/common) (resistive load)
Output points per common
8 points/common
Response time
OFF
→ ON
ON
→ OFF
10ms or less
8ms or less
Mechanical life time
20 million operations or more
Electrical life time
100,000 operations or more
Surge absorber
None
Operating indicator
LED
Output specifications – Transistor output type
Item
FPG-C32 (NPN)
FPG-C28 (PNP)
Insulation method
Optical coupler
Output method
Open collector
Rated voltage range
5 to 24VDC
24VDC
Operating load voltage range
4.75 to 26.4VDC
21.6 to 26.4VDC
Max. load current
For Y0, Y1, Y3, Y4: 0.3A – For Y2, Y5 to YF: 0.1A
For Y0, Y1, Y3, Y4: 0.5A – For Y2, Y5 to YB: 0.3A
Max. surge current
For Y0, Y1, Y3, Y4: 0.9A – For Y2, Y5 to YF: 0.5A
For Y0, Y1, Y3, Y4: 1.5A – For Y2, Y5 to YB: 0.7A
Output points per common
16 points/common
12 points/common
Response time
OFF
→ ON
For Y0, Y1, Y3, Y4 at 15mA or less: <2µs – For Y2, Y5 and higher: < 0.2ms
ON
→ OFF
For Y0, Y1, Y3, Y4 at 15mA or less: <8µs – For Y2, Y5 and higher: < 0.5ms
Power supply for driving
internal circuit
21.6 to 26.4VDC (70mA)
Operating indicator
LED
Phase fault protection
Thermal protection for Y2, Y5 and higher
Shock resistance
98m/s2 or more,
4 times on 3 axes
Noise humidity
1000V (p-p) with
pulse widths 50ns and 1µs
Operating condition
Free from corrosive gasses and excessive dust
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com