Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPG-COM3 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # FPG-COM3
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM3 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  FPG-COM3 Datasheet HTML 1Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 2Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 3Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 4Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 5Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 6Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 7Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 8Page - Panasonic Semiconductor FPG-COM3 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Other highlights
2
1-channel RS232C type
2-channel RS232C type
1-channel RS485 type
1-channel RS232C + 1-channel RS485 type
Communication
Four quick and easy snap-on cassettes are available to add
different serial ports to the FP
S (Sigma). All ports are capable of
communicating at speeds of up to 115.2kbps.
FP
S (Sigma)
The next generation compact PLC
Highlights
State-of-the-art PLC technology in the most compact size plus the ability to communicate via all important modern media
characterize the FP
S (Sigma). With its two 100kHz pulse outputs, four high speed counters that function at up to 50kHz for
positioning applications, a programming memory capable of storing 32,000 steps, a real-time clock, and communication interfaces
for RS232C and RS485, FP
S (Sigma) is one of the most flexible PLCs on the market. Remarkably, it is also one of the smallest!
 High expansion capability with up to 384 I/Os
 Fastest processing time, 0.32µsec/basic command
 Compact design [30 x 90 x 60mm (WxHxD)]
Large data memory of up to 2MByte

 Short circuit protected transistor outputs
 Built-in analog volume with two points
 Backup battery
Fast PID but
it overshoots
No overshoots
but slow
FP
S (Sigma) example
fast and no overshoot
Temperature control
With the thermocouple input units and our accurate unique PID
and IPD algorithms, temperature can be controlled more easily and
accurately than ever.
Positioning
In addition to a host of handy Panasonic functions, the FP
S (Sigma)
also offers circular and linear interpolation. Circular interpolation can
be used for applications that apply glue, linear interpolation for pick &
place applications, for example. By combining the FP
S (Sigma) with
servo motors, you can perform real 2-axis motion control.
FP
S (Sigma)
Minas A4 Servo Drives
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com