Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP-150 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AMMCL002AWP-150
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP-150 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AMMCL002AWP-150 Datasheet HTML 9Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 10Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 11Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 12Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 13Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 14Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 15Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 16Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AmMCL00XA
13
PRELIMIN ARY
Table 5.
Word Command Definitions
Legend:
X = Don’t care
RA = Address of the memory location to be read.
RW = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses are latched on the falling edge of the WE# pulse.
PW = Data to be programmed at location PA. Data is latched
on the rising edge of WE#.
SA = Address of the sector to be erased. Refer to Table 8 for
sector addresses.
Notes:
1. Write protect must not be enabled for proper operation of
all commands. No command required for reading array
data, and can thus be done with write protect enabled.
2. During word addressing, CEL# = 0, CEH# = 0, and
address is applied to Memory Device Pair 0 (S0 and S1).
On 4 Mbyte cards, address for Memory Device Pair 1 =
(Addr) + 200000h, and address is applied to Memory
Device Pair 1 (S2 and S3). For host-to-card address bit
connections, see Figure 2.
3. All values are in hexadecimal.
4. The last bus cycle in an autoselect command sequence is
a read operation.
5. Word = high byte + low byte.
6. Address bits = X = Don’t Care for all commands except for
Read Address (RA), Program Address (PA), and Sector
Address (SA).
7. The Erase Suspend command is valid only during a
sector erase operation. Refer to “Sector Erase Suspend”.
8. The Erase Resume command is valid only during the
Erase Suspend mode.
9. See Table 4 for bus operations.
Embedded Command
Sequence (Note 1)
Bus Cycles (Notes 2–9)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
RA
RW
Reset
1
XXXX
F0F0
Autoselect Manufacturer ID
(Note 4)
4
XXXX
AAAA
XXXX
5555
XXXX
9090
XX00
0101
Autoselect Device ID
(Note 4)
4
XXXX
AAAA
XXXX
5555
XXXX
9090
XX01
3838
Word Write
4
XXXX
AAAA
XXXX
5555
XXXX
A0A0
PA
PW
Device Erase
6
XXXX
AAAA
XXXX
5555
XXXX
8080
XXXX
AAAA
XXXX
5555
XXXX
1010
Sector Erase
6
XXXX
AAAA
XXXX
5555
XXXX
8080
XXXX
AAAA
XXXX
5555
SA
3030
Sector Erase Suspend (Note 7)
1
XXXX
B0B0
Sector Erase Resume (Note 8)
1
XXXX
3030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com