Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMCL002AWP-150 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AMMCL002AWP-150
Description  2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMMCL002AWP-150 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AMMCL002AWP-150 Datasheet HTML 10Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 11Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 12Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 13Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 14Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 15Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 16Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 17Page - Advanced Micro Devices AMMCL002AWP-150 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
AmMCL00XA
PR EL IMIN A R Y
Table 6.
Even Byte Command Definitions
Note for Table 6: During even (low) byte accesses, CEL# = 0, CEH# = 1. Address is applied to Memory Device 0 (S0). On 4 Mbyte
cards, address for Memory Device 2 (S2) = (Addr) + 200000h.
Table 7.
Odd Byte Command Definitions
Note for Table 7: During odd (high) byte accesses, CEL#= 1, CEH# = 0, and address is applied to Memory Device 1 (S1). On 4 Mbyte
cards, address for Memory Device 3 (S3) = (Addr) + 200000h + 100000h.
Legend for Tables 6 and 7:
X = Don’t care
RA = Address of the memory location to be read.
RW = Data read from location RA during read operation.
PA = Address of the memory location to be programmed.
Addresses are latched on the falling edge of the WE# pulse.
PW = Data to be programmed at location PA. Data is latched on
the rising edge of WE#.
SA = Address of the sector to be erased. Refer to Table 8 for
sector addresses.
Notes for Tables 6 and 7:
1. Write protect must not be enabled for proper operation of all
commands. No command required for reading array data,
and can thus be done with write protect enabled.
2. For host-to-card address bit connections, see Figure 2.
3. All values are in hexadecimal.
4. The last bus cycle in an autoselect command sequence is a
read operation.
5. Address bits = X = Don’t Care for all commands except for
Read Address (RA), Program Address (PA), and Sector
Address (SA).
6. The Erase Suspend command is valid only during a sector
erase operation. Refer to “Sector Erase Suspend”.
7. The Erase Resume command is valid only during the Erase
Suspend mode.
8. See Table 4 for bus operations.
Embedded Command Sequence
(Note 1)
Bus Cycles (Notes 2–8)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
RA
RD
Reset
1
XXXX XXF0
Autoselect Manufacturer ID (Note 4)
4
XXXX
XXAA
XXXX
XX55
XXXX
XX90
XX00
XX01
Device ID (Note 4)
4
XXXX
XXAA
XXXX
XX55
XXXX
XX90
XX01
XX38
Byte Write
4
XXXX
XXAA
XXXX
XX55
XXXX
XXA0
PA
PD
Device Erase
6
XXXX
XXAA
XXXX
XX55
XXXX
XX80
XXXX
XXAA
XXXX
XX55
XXXX
XX10
Sector Erase
6
XXXX
XXAA
XXXX
XX55
XXXX
XX80
XXXX
XXAA
XXXX
XX55
SA
XX30
Sector Erase Suspend (Note 6)
1
XXXX XXB0
Sector Erase Resume (Note 7)
1
XXXX XX30
Embedded Command Sequence
(Note 1)
Bus Cycles (Notes 2–8)
First
Second
Third
Fourth
Fifth
Sixth
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
RA
RD
Reset
1
XXXX XXF0
Autoselect Manufacturer ID (Note 4)
4
XXXX
AAXX
XXXX
55XX
XXXX
90XX
XX00
01XX
Autoselect Device ID (Note 4)
4
XXXX
AAXX
XXXX
55XX
XXXX
90XX
XX01
38XX
Byte Write
4
XXXX
AAXX
XXXX
55XX
XXXX
A0XX
PA
PDXX
Device Erase
6
XXXX
AAXX
XXXX
55XX
XXXX
80XX
XXXX
AAXX
XXXX
55XX
XXXX
10XX
Sector Erase
6
XXXX
AAXX
XXXX
55XX
XXXX
80XX
XXXX
AAXX
XXXX
55XX
SA
30XX
Sector Erase Suspend (Note 6)
1
XXXX XXB0
Sector Erase Resume (Note 7)
1
XXXX XX30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com