Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4065LEDC Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LTC4065LEDC
Description  Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4065LEDC Datasheet(HTML) 1 Page - Linear Integrated Systems

  LTC4065LEDC Datasheet HTML 1Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 2Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 3Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 4Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 5Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 6Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 7Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 8Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC4065/LTC4065A
4065fb
Wireless PDAs
Cellular Phones
Portable Electronics
Standalone 750mA Li-Ion
Battery Charger in 2
× 2 DFN
Complete Linear Charger in 2mm
××××× 2mm DFN
Package
C/10 Charge Current Detection Output
Timer Termination
Charge Current Programmable up to 750mA with
5% Accuracy
No External MOSFET, Sense Resistor or Blocking
Diode Required
Preset 4.2V Float Voltage with 0.6% Accuracy
Constant-Current/Constant-Voltage Operation with
Thermal Feedback to Maximize Charging Rate
Without Risk of Overheating
ACPR Pin Indicates Presence of Input Supply
(LTC4065A Only)
Charge Current Monitor Output for Gas Gauging
Automatic Recharge
Charges Single Cell Li-Ion Batteries Directly from
USB Port
20
µA Supply Current in Shutdown Mode
Soft-Start Limits Inrush Current
Tiny 6-Lead (2mm
× 2mm) DFN Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
VCC
R1
510
R2*
1
500mA
R3
2k
4065 TA01
4.2V
Li-Ion
BATTERY
VIN
4.3V TO 5.5V
C1
1
µF
*SERIES 1
Ω RESISTOR ONLY NEEDED FOR INDUCTIVE INPUT SUPPLIES
LTC4065
CHRG
EN
BAT
PROG
GND
The LTC
®4065 is a complete constant-current/constant-
voltage linear charger for single-cell lithium-ion batteries.
Its 2mm
×2mmDFNpackageandlowexternalcomponent
count make the LTC4065 especially well-suited for por-
table applications. Furthermore, LTC4065 is specifically
designed to work within USB power specifications.
The CHRG pin indicates when charge current has dropped
to ten percent of its programmed value (C/10). An internal
timer terminates charging according to battery manufac-
turer specifications.
No external sense resistor or blocking diode is required
due to the internal MOSFET architecture. Thermal feed-
back regulates charge current to limit the die temperature
during high power operation or high ambient temperature
conditions.
When the input supply (wall adapter or USB supply) is
removed, the LTC4065 automatically enters a low current
state, dropping battery drain current to less than 1
µA.With
power applied, LTC4065 can be put into shutdown mode,
reducing the supply current to less than 20
µA.
The full-featured LTC4065 also includes automatic re-
charge, low-battery charge conditioning (trickle charg-
ing), soft-start (to limit inrush current) and an open-drain
status pin to indicate the presence of an adequate input
voltage (LTC4065A only).
The LTC4065 is available in a tiny 6-lead, low profile
(0.75mm) 2mm
× 2mm DFN package.
Standalone Li-Ion Battery Charger
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4065LEDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
LTC4065LX LINER-LTC4065LX Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4065LEDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4069-4.4 LINER-LTC4069-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4069 LINER-LTC4069 Datasheet
193Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN with NTC Thermistor Input
LTC4065L LINER-LTC4065L Datasheet
173Kb / 16P
Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4069EDC LINEAR-LTC4069EDC Datasheet
522Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
logo
Linear Technology
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com