Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4065LEDC Datasheet(PDF) 12 Page - Linear Integrated Systems

Part # LTC4065LEDC
Description  Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC4065LEDC Datasheet(HTML) 12 Page - Linear Integrated Systems

Back Button LTC4065LEDC Datasheet HTML 8Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 9Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 10Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 11Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 12Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 13Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 14Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 15Page - Linear Integrated Systems LTC4065LEDC Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC4065/LTC4065A
4065fb
Transconductance amplifier, TA, limits the die tempera-
ture to approximately 115
°C when in constant-tempera-
ture mode. Diode D3 ensures that TA does not affect the
charge current when the die temperature is below approxi-
mately 115
°C. The PROG pin voltage continues to give an
indication of the charge current.
In typical operation, the charge cycle begins in constant-
current mode with the current delivered to the battery
equal to 1000V/RPROG. If the power dissipation of the
LTC4065/LTC4065A results in the junction temperature
approaching 115
°C, the amplifier (TA) will begin decreas-
ing the charge current to limit the die temperature to
approximately 115
°C. As the battery voltage rises, the
LTC4065/LTC4065A either return to constant-current mode
or enter constant-voltage mode straight from constant-
temperature mode. Regardless of mode, the voltage at
the PROG pin is proportional to the current delivered to
the battery.
OPERATIO
IS EN > SHUTDOWN
THRESHOLD?
ENABLE
CHRG HIGH IMPEDANCE
SHUTDOWN MODE
IF VCC > 3.6V AND
VCC > VBAT + 80mV?
UVLO
UVLO MODE
1/10 FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
TRICKLE CHARGE MODE
FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
FAST CHARGE MODE
IS VBAT < 2.9V?
DEFECTIVE BATTERY
IS VBAT < 4.1V?
RECHARGE
NO CHARGE CURRENT
CHRG PULSES (2Hz)
BAD BATTERY MODE
FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
RECHARGE MODE
NO CHARGE CURRENT
CHRG HIGH IMPEDANCE
STANDBY MODE
CHRG HIGH IMPEDANCE
NO
YES
YES
YES
NO
NO
4065 F02
VBAT ≤ 2.9V
1/4 CHARGE CYCLE
(1.125 HOURS)
VCC < 3V
OR
EN > SHDN
THRESHOLD
CHARGE CYCLE
(4.5 HOURS)
1/2 CHARGE CYCLE
(2.25 HOURS)
2.9V < VBAT < 4.1V
VBAT > 4.1V
YES
NO
POWER
ON
Figure 2. State Diagram of LTC4065 Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com