Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5232MTH1R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5232MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5232MTH1R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5232MTH1R Datasheet HTML 1Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 2Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 3Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
A-26
APEM
www.apem.com
5000 series
Toggle switches - solder lug terminals
Threaded bushing Ø 6,35 (1/4) : 5600
A
Single pole
Double pole
Three pole
MODEL
STRUCTURE
III
II
I
2-3
1-2
5636
ON
-
ON
5639
ON
OFF
ON
5637
MOM OFF MOM
5638
ON
OFF MOM
5632
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5646
ON
-
ON
5649
ON
OFF
ON
5647
MOM OFF MOM
5648
ON
OFF MOM
5642
ON
- MOM
5644*
ON
ON
ON
5644 1R*
ON
ON MOM
5644 2R*
MOM ON MOM
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
5656
ON
-
ON
5659
ON
OFF
ON
5657
MOM OFF MOM
5658
ON
OFF MOM
5652
ON
- MOM
• 1, 2, 3 and 4 pole configurations
Shown with standard lever (-13)
➞ Keyway
➞ Keyway
➞ Keyway
* Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
➞ Keyway
1
2
3
(.070)
(.043)
1.80
1.10
(.039)
1.00
10.50
(.413)
(.314)
8.00
7.00
(.275)
(.472)
12.00
(.145)
3.70
(1/4-40UNS)
Ø6.35-40UNS
I
II
III
3
2
1
8.00
(.314)
(.413)
10.50
3.70
(.145)
12.00
(.472)
1.00
(.039)
Ø6.35-40UNS
(1/4-40UNS)
(.472)
12.00
III
III
II
I
1
2
36
5
4
10.50
(.413)
(.314)
8.00
(.039)
1.00
(.145)
3.70
(.516)
13.10
(1/4-40UNS)
Ø6.35-40UNS
(.649)
16.50
III
II
I
3
2
1
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com