Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5232MTH1R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 5232MTH1R
Description  THE WIDEST RANGE IN MINIATURE SWITCHES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5232MTH1R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 5232MTH1R Datasheet HTML 4Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 5Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 6Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 7Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 8Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 9Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 10Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 11Page - List of Unclassifed Manufacturers 5232MTH1R Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
APEM
www.apem.com
A-29
5000 series
Toggle switches - solder lug terminals
Threaded bushing Ø 11,9 (15/32) : 5600M
A
Single pole
Double pole
Three pole
• 1, 2, 3 and 4 pole configurations
• Supplied with 2 hex nuts and 1 locking ring
• Panel thickness up to 6 mm (.236)
III
II
I
2-3
1-2
5636M
ON
-
ON
5639M
ON
OFF
ON
5637M
MOM OFF MOM
5638M
ON
OFF MOM
5632M
ON
- MOM
III
II
I
2-3
1-2
5-6
4-5
5646M
ON
-
ON
5649M
ON
OFF
ON
5647M
MOM OFF MOM
5648M
ON
OFF MOM
5642M
ON
- MOM
5644M*
ON
ON
ON
5644M 1R*
ON
ON MOM
5644M 2R*
MOM ON MOM
III
II
I
2-3
1-2
5-6
4-5
8-9
7-8
5656M
ON
-
ON
5659M
ON
OFF
ON
5657M
MOM OFF MOM
5658M
ON
OFF MOM
5652M
ON
- MOM
MODEL
STRUCTURE
Shown with standard lever (-24)
* Function 4 : SP in DP case - specify CT or TH connections, see end of catalogue.
➞ Keyway
➞ Keyway
➞ Keyway
➞ Keyway
1
2
3
(.070)
(.043)
1.80
1.10
(.145)
3.70
(.433)
(.468)
(.688)
(15/32-32UNS)
(.275)
7.00
Ø11.9-32UNS
17.50
11.00
11.90
III
II
I
3
2
1
11.90
11.00
17.50
(.688)
(.468)
(.433)
3.70
(.145)
12.00
(.472)
Ø11.9-32UNS
(15/32-32UNS)
III
II
I
1
2
3
6
5
4
(.145)
3.70
(.468)
(.688)
17.50
11.90
(.476)
16.50
(.649)
12.10
Ø11.9-32UNS
(15/32-32UNS)
I
II
III
3
2
1
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com