Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1483-R Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA1483-R
Description  High Frequency Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1483-R Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1483-R Datasheet HTML 1Page - Toshiba Semiconductor 2SA1483-R Datasheet HTML 2Page - Toshiba Semiconductor 2SA1483-R Datasheet HTML 3Page - Toshiba Semiconductor 2SA1483-R Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1483
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −45 V, IE = 0
―
―
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
―
―
−0.1
μA
hFE (1)
(Note 3)
VCE = −1 V, IC = −10 mA
40
―
240
DC current gain
hFE (2)
VCE = −3 V, IC = −200 mA
20
―
―
Collector-emitter saturation voltage
VCE (sat)
IC = −100 mA, IB = −10 mA
―
―
−0.3
V
Base-emitter saturation voltage
VBE (sat)
IC = −100 mA, IB = −10 mA
―
―
−1.0
V
Transition frequency
fT
VCE = −10 V, IC = −10 mA
100
200
―
MHz
Input impedance (real part)
Re (hie)
VCE = −10 V, IE = 10 mA, f = 200 MHz
―
―
120
Ω
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
―
3.5
5
pF
Turn-on time
ton
―
40
―
Storage time
tstg
―
250
―
Switching time
Fall time
tf
―
30
―
ns
Note 3: hFE (1) classification R: 40 to 80, O: 70 to 140, Y: 120 to 240
Marking
W
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics indicator
OUTPUT
680 Ω
VCC
= −12 V
VBB
= 3 V
INPUT
0
−10 V
1 μs
DUTY CYCLE ≤ 2%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com