Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1483-R Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1483-R
Description  High Frequency Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1483-R Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1483-R Datasheet HTML 1Page - Toshiba Semiconductor 2SA1483-R Datasheet HTML 2Page - Toshiba Semiconductor 2SA1483-R Datasheet HTML 3Page - Toshiba Semiconductor 2SA1483-R Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1483
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Collector-emitter voltage VCE (V)
IC – VCE
Ambient temperature Ta (°C)
PC – Ta
0
120
80
100
40
60
0
0.6
0.2
1.0
0.4
1.2
20
160
140
0.8
①
②
(1) Mounted on a ceramic
substrate (250 mm
2
× 0.8 t)
(2) No heat sink
Collector current IC (mA)
VBE (sat) – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
hFE – IC
−0.1
−10
−100
−30
−0.3
300
1000
500
Common emitter
VCE = −3 V
10
−3
−1
100
30
50
Ta
= 100°C
25
−55
−0.1
−1
−1
−100
−30
−0.3
−0.3
−0.5
Common emitter
IC/IB = 10
−0.1
−3
−10
−3
−5
Ta
= −55°C
25
100
0
0
−1
−40
−2
−3
−4
−5
−6
−80
−120
−160
−200
Common emitter
Ta
= 25°C
IB = −0.2 mA
−0.5
−1.0
−1.5
−2.0
−3.0
−5.0
−10
0
0
0
−1
−40
−2
−3
−4
−5
−6
−80
−120
−160
−200
Common emitter
Ta
= 100°C
IB = −0.2 mA
−0.6
0
−8.0
−4.0
−2.0
−1.0
0
0
−1
−40
−2
−3
−4
−5
−6
−80
−120
−160
−200
Common emitter
Ta
= −55°C
IB = −0.5 mA
−1.0
0
−1.5
−2.0
−3.0
−4.0
−6.0
−0.1
−0.1
−1
−100
−30
−0.3
−0.03
−0.05
Common emitter
IC/IB = 10
−0.01
−3
−10
−0.3
−0.5
Ta
= 100°C
25
−55



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com