Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CL Datasheet(PDF) 19 Page - Winbond

Part # W25X05CL
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CL Datasheet(HTML) 19 Page - Winbond

Back Button W25X05CL Datasheet HTML 15Page - Winbond W25X05CL Datasheet HTML 16Page - Winbond W25X05CL Datasheet HTML 17Page - Winbond W25X05CL Datasheet HTML 18Page - Winbond W25X05CL Datasheet HTML 19Page - Winbond W25X05CL Datasheet HTML 20Page - Winbond W25X05CL Datasheet HTML 21Page - Winbond W25X05CL Datasheet HTML 22Page - Winbond W25X05CL Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 19 -
Revision B
8.2.9 Fast Read (0Bh)
The Fast Read instruction is similar to the Read Data instruction except that it can operate at the
highest possible frequency of FR (see AC Electrical Characteristics). This is accomplished by adding
eight “dummy” clocks after the 24-bit address as shown in figure 10. The dummy clocks allow the
devices internal circuits additional time for setting up the initial address. During the dummy clocks the
data value on the DIO pin is a “don’t care”.
Figure 10. Fast Read Instruction Sequence Diagram
/CS
CLK
DI
(IO
0)
DO
(IO
1)
Mode 0
Mode 3
0
1
2
3
4
5
6
7
Instruction (0Bh)
High Impedance
8
9
10
28
29
30
31
24-Bit Address
23
22
21
3
2
1
0
Data Out 1
*
/CS
CLK
DI
(IO
0)
DO
(IO
1)
32
33
34
35
36
37
38
39
Dummy Clocks
High Impedance
40
41
42
44
45
46
47
48
49
50
51
52
53
54
55
7
6
5
4
3
2
1
0
7
Data Out 2
*
7
6
5
4
3
2
1
0
*
43
31
0
= MSB
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com