Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25X05CL Datasheet(PDF) 2 Page - Winbond

Part # W25X05CL
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CL Datasheet(HTML) 2 Page - Winbond

  W25X05CL Datasheet HTML 1Page - Winbond W25X05CL Datasheet HTML 2Page - Winbond W25X05CL Datasheet HTML 3Page - Winbond W25X05CL Datasheet HTML 4Page - Winbond W25X05CL Datasheet HTML 5Page - Winbond W25X05CL Datasheet HTML 6Page - Winbond W25X05CL Datasheet HTML 7Page - Winbond W25X05CL Datasheet HTML 8Page - Winbond W25X05CL Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 2 -
Revision B
Table of Contents
1.
GENERAL DESCRIPTION......................................................................................................4
2.
FEATURES.............................................................................................................................4
3.
PIN CONFIGURATION SOIC 150-MIL, VSOP 150-MIL, TSSOP 173-MIL ...............................5
4.
PAD CONFIGURATION WSON 6X5-MM AND USON 2X3-MM...............................................5
5.
PIN DESCRIPTION SOIC 150-MIL, VSOP 150-MM AND USON 2X3-MM...............................5
5.1
Package Types ...........................................................................................................6
5.2
Chip Select (/CS) ........................................................................................................6
5.3
Serial Data Input, Output and IOs (DIO, DO, IO0 and IO1)...........................................6
5.4
Write Protect (/WP) .....................................................................................................6
5.5
HOLD (/HOLD)............................................................................................................6
5.6
Serial Clock (CLK).......................................................................................................6
6.
BLOCK DIAGRAM ..................................................................................................................7
7.
FUNCTIONAL DESCRIPTION ................................................................................................8
7.1
SPI OPERATIONS ......................................................................................................8
7.1.1
Standard SPI Instructions.................................................................................................8
7.1.2
Dual SPI Instructions ........................................................................................................8
7.1.3
Hold Function ...................................................................................................................8
7.2
WRITE PROTECTION ................................................................................................9
7.2.1
Write Protect Features......................................................................................................9
8.
CONTROL AND STATUS REGISTERS ................................................................................10
8.1
STATUS REGISTER.................................................................................................10
8.1.1
BUSY..............................................................................................................................10
8.1.2
Write Enable Latch (WEL)..............................................................................................10
8.1.3
Block Protect Bits (BP1, BP0) ........................................................................................10
8.1.4
Top/Bottom Block Protect (TB) .......................................................................................10
8.1.5
Reserved Bits .................................................................................................................11
8.1.6
Status Register Protect (SRP)........................................................................................11
8.1.7
Status Register Memory Protection................................................................................12
8.2
INSTRUCTIONS .......................................................................................................13
8.2.1
Manufacturer and Device Identification ..........................................................................13
8.2.2
Instruction Set ................................................................................................................14
8.2.3
Write Enable (06h)..........................................................................................................15
8.2.4
Write Enable for Volatile Status Register (50h) ..............................................................15
8.2.5
Write Disable (04h).........................................................................................................16
8.2.6
Read Status Register (05h) ............................................................................................16
8.2.7
Write Status Register (01h) ............................................................................................17
8.2.8
Read Data (03h).............................................................................................................18
8.2.9
Fast Read (0Bh) .............................................................................................................19
8.2.10
Fast Read Dual Output (3Bh) .......................................................................................20
8.2.11
Fast Read Dual I/O (BBh).............................................................................................21
8.2.12
Continuous Read Mode Bits (M7-0) .............................................................................23
8.2.13
Continuous Read Mode Reset (FFFFh) .......................................................................23
8.2.14
Page Program (02h).....................................................................................................24
8.2.15
Sector Erase (20h) .......................................................................................................25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com