Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3303 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC3303
Description  High Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3303 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC3303 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC3303
2010-02-05
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VCE – IC
Common emitter
Tc = 25°C
70
100
80
30
60
90
40
50
20
IB = 10 mA
0
5
4
3
2
1
0
2
4
6
8
10
12
14
0
0
0
Common emitter
Tc = 25°C
0.8
0.6
0.4
0.2
1
2
3
4
5
140
100
80
60
40
IB = 20 mA
25
Tc = 100°C
Common emitter
VCE = 1 V
−55
1000
50
300
500
2
5
10
0.003
0.1
0.3
1
3
10
0.01
0.03
100
30
0
0
Common emitter
Tc = 100°C
0.8
0.6
0.4
0.2
1
2
3
4
5
140
100
80
60
40
IB = 20 mA
0
0
Common emitter
Tc = −55°C
0.8
0.6
0.4
0.2
1
2
3
4
5
140
100
80
60
40
IB = 20 mA
Common emitter
IC/IB = 20
25
Tc = −55°C
100
5
0.1
1
3
0.01
0.03
0.05
0.003
0.1
0.3
1
3
10
0.03
0.01
0.3
0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com