Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3303 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3303
Description  High Current Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3303 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3303 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3303 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC3303
2010-02-05
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC3303
High Current Switching Applications
DC-DC Converter Applications
• Low collector saturation voltage: VCE (sat) = 0.4 V (max) (IC = 3 A)
• High speed switching time: tstg = 1.0 μs (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
100
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
7
V
DC
IC
5
Collector current
Pulse
ICP
8
A
Base current
IB
1
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
20
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are
within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC3303

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3303 TOSHIBA-2SC3303 Datasheet
197Kb / 4P
NPN EPITAXIAL TYPE (HIGH CURRENT SWITCING APPLICATIONS)
2SC3303 TOSHIBA-2SC3303 Datasheet
187Kb / 5P
High Current Switching Applications DC-DC Converter Applications
logo
Inchange Semiconductor ...
2SC3303 ISC-2SC3303 Datasheet
270Kb / 2P
isc Silicon NPN Power Transistor
logo
Jiangsu Changjiang Elec...
2SC3303 JIANGSU-2SC3303 Datasheet
289Kb / 3P
TO-251-3L Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SC3303 SECOS-2SC3303 Datasheet
83Kb / 1P
5A , 100V NPN Epitaxial Planar Silicon Transistor
More results

Similar Description - 2SC3303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
2SC4482 SANYO-2SC4482 Datasheet
84Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com