Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2222A Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N2222A
Description  HIGH SPEED SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2222A Datasheet(HTML) 1 Page - STMicroelectronics

  2N2222A Datasheet HTML 1Page - STMicroelectronics 2N2222A Datasheet HTML 2Page - STMicroelectronics 2N2222A Datasheet HTML 3Page - STMicroelectronics 2N2222A Datasheet HTML 4Page - STMicroelectronics 2N2222A Datasheet HTML 5Page - STMicroelectronics 2N2222A Datasheet HTML 6Page - STMicroelectronics 2N2222A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N2219A
2N2222A
HIGH SPEED SWITCHES
PRELIMINARY DATA
DESCRIPTION
The 2N2219A and 2N2222A are silicon Planar
Epitaxial NPN transistors in Jedec TO-39 (for
2N2219A) and in Jedec TO-18 (for 2N2222A)
metal case. They are designed for high speed
switching application at collector current up to
500mA, and feature useful current gain over a
wide range of collector current, low leakage
currents and low saturation voltage.
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
75
V
VCEO
Collector-Emitter Voltage (IB = 0)
40
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
0.6
A
ICM
Collector Peak Current (tp < 5 ms)
0.8
A
Ptot
Total Dissipation at Tamb
≤ 25 oC
for 2N2219A
for 2N2222A
at TC
≤ 25 oC
for 2N2219A
for 2N2222A
0.8
0.5
3
1.8
W
W
W
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TO-18
TO-39
1/7


Similar Part No. - 2N2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2222A PHILIPS-2N2222A Datasheet
53Kb / 8P
NPN switching transistors
1997 May 29
logo
STMicroelectronics
2N2222A STMICROELECTRONICS-2N2222A Datasheet
73Kb / 8P
HIGH SPEED SWITCHES
Jun-1999
logo
Seme LAB
2N2222A SEME-LAB-2N2222A Datasheet
14Kb / 2P
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR
logo
Semicoa Semiconductor
2N2222A SEMICOA-2N2222A Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
2N2222A SEMICOA-2N2222A Datasheet
45Kb / 2P
Type 2N2222A Geometry 0400 Polarity NPN
More results

Similar Description - 2N2222A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2218-2N2219 STMICROELECTRONICS-2N2218-2N2219 Datasheet
71Kb / 5P
HIGH-SPEED SWITCHES
Jan-1989
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
HIGH SPEED SWITCHES
Jun-1999
2N2894 STMICROELECTRONICS-2N2894 Datasheet
113Kb / 4P
HIGH-SPEED SATURATED SWITCHES
Oct-1988
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
HIGH SPEED SATURATED SWITCHES
Nov-1997
logo
Seme LAB
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A_03 Datasheet
170Kb / 7P
HIGH SPEED SWITCHES
Feb-2003
logo
Comset Semiconductor
2N2894 COMSET-2N2894 Datasheet
81Kb / 2P
HIGH-SPEED SATURATED SWITCHES
2N2894 COMSET-2N2894_12 Datasheet
78Kb / 3P
HIGH-SPEED SATURATED SWITCHES
logo
ON Semiconductor
FSA221 ONSEMI-FSA221 Datasheet
1Mb / 19P
High-Speed Audio Switches
March 2013 Rev. 1.1.0
FSA223 ONSEMI-FSA223 Datasheet
612Kb / 18P
High-Speed Audio Switches
November 2012 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com