Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2222 Datasheet(PDF) 4 Page - STMicroelectronics

Part # N2222
Description  HIGH SPEED SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N2222 Datasheet(HTML) 4 Page - STMicroelectronics

  N2222 Datasheet HTML 1Page - STMicroelectronics N2222 Datasheet HTML 2Page - STMicroelectronics N2222 Datasheet HTML 3Page - STMicroelectronics N2222 Datasheet HTML 4Page - STMicroelectronics N2222 Datasheet HTML 5Page - STMicroelectronics N2222 Datasheet HTML 6Page - STMicroelectronics N2222 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Test Circuit fot td, tr.
PULSE GENERATOR :
TO OSCILLOSCOPE
tr
≤ 20 ns
tr
≤ 5.0 ns
PW
≤ 200 ns
ZIN < 100 K
Ω
ZIN = 50
Ω
CIN
≤ 12 pF
Test Circuit fot td, tr.
PULSE GENERATOR :
TO OSCILLOSCOPE :
PW
≈ 10 µstr < 5.0 ns
ZIN = 50
Ω
ZIN > 100 K
Ω
TC
≤ 5.0 ns
CIN
≤ 12 pF
2N2219A / 2N2222A
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com