Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2222 Datasheet(PDF) 1 Page - STMicroelectronics

Part # N2222
Description  HIGH SPEED SWITCHES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N2222 Datasheet(HTML) 1 Page - STMicroelectronics

  N2222 Datasheet HTML 1Page - STMicroelectronics N2222 Datasheet HTML 2Page - STMicroelectronics N2222 Datasheet HTML 3Page - STMicroelectronics N2222 Datasheet HTML 4Page - STMicroelectronics N2222 Datasheet HTML 5Page - STMicroelectronics N2222 Datasheet HTML 6Page - STMicroelectronics N2222 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2N2219A
2N2222A
HIGH SPEED SWITCHES
PRELIMINARY DATA
DESCRIPTION
The 2N2219A and 2N2222A are silicon Planar
Epitaxial NPN transistors in Jedec TO-39 (for
2N2219A) and in Jedec TO-18 (for 2N2222A)
metal case. They are designed for high speed
switching application at collector current up to
500mA, and feature useful current gain over a
wide range of collector current, low leakage
currents and low saturation voltage.
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
75
V
VCEO
Collector-Emitter Voltage (IB = 0)
40
V
VEBO
Emitter-Base Voltage (IC = 0)
6
V
IC
Collector Current
0.6
A
ICM
Collector Peak Current (tp < 5 ms)
0.8
A
Ptot
Total Dissipation at Tamb
≤ 25 oC
for 2N2219A
for 2N2222A
at TC
≤ 25 oC
for 2N2219A
for 2N2222A
0.8
0.5
3
1.8
W
W
W
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
TO-18
TO-39
1/7


Similar Part No. - N2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N2222 PHILIPS-N2222 Datasheet
53Kb / 8P
NPN switching transistors
1997 May 29
logo
Microsemi Corporation
N2222 MICROSEMI-N2222 Datasheet
58Kb / 2P
NPN SILICON SWITCHING TRANSISTOR
120101
logo
ON Semiconductor
N2222 ONSEMI-N2222 Datasheet
90Kb / 3P
Small Signal Switching Transistor
August, 2012 ??Rev. 1
N2222 ONSEMI-N2222 Datasheet
165Kb / 6P
Amplifier Transistors(NPN Silicon)
April, 2007 -- Rev. 5
logo
KEC(Korea Electronics)
N2222 KEC-N2222 Datasheet
225Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
More results

Similar Description - N2222

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2218-2N2219 STMICROELECTRONICS-2N2218-2N2219 Datasheet
71Kb / 5P
HIGH-SPEED SWITCHES
Jan-1989
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
HIGH SPEED SWITCHES
Jun-1999
2N2894 STMICROELECTRONICS-2N2894 Datasheet
113Kb / 4P
HIGH-SPEED SATURATED SWITCHES
Oct-1988
BSX20 STMICROELECTRONICS-BSX20 Datasheet
65Kb / 6P
HIGH SPEED SATURATED SWITCHES
Nov-1997
logo
Seme LAB
2N5152 SEME-LAB-2N5152 Datasheet
24Kb / 3P
HIGH SPEED MEDIUM VOLTAGE SWITCHES
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A_03 Datasheet
170Kb / 7P
HIGH SPEED SWITCHES
Feb-2003
logo
Comset Semiconductor
2N2894 COMSET-2N2894 Datasheet
81Kb / 2P
HIGH-SPEED SATURATED SWITCHES
2N2894 COMSET-2N2894_12 Datasheet
78Kb / 3P
HIGH-SPEED SATURATED SWITCHES
logo
ON Semiconductor
FSA221 ONSEMI-FSA221 Datasheet
1Mb / 19P
High-Speed Audio Switches
March 2013 Rev. 1.1.0
FSA223 ONSEMI-FSA223 Datasheet
612Kb / 18P
High-Speed Audio Switches
November 2012 Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com