Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3STR1630 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 3STR1630
Description  Low voltage high performance NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

3STR1630 Datasheet(HTML) 3 Page - STMicroelectronics

  3STR1630 Datasheet HTML 1Page - STMicroelectronics 3STR1630 Datasheet HTML 2Page - STMicroelectronics 3STR1630 Datasheet HTML 3Page - STMicroelectronics 3STR1630 Datasheet HTML 4Page - STMicroelectronics 3STR1630 Datasheet HTML 5Page - STMicroelectronics 3STR1630 Datasheet HTML 6Page - STMicroelectronics 3STR1630 Datasheet HTML 7Page - STMicroelectronics 3STR1630 Datasheet HTML 8Page - STMicroelectronics 3STR1630 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3STR1630
Electrical characteristics
Doc ID 16600 Rev 3
3/10
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 30 V
0.1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 4 V
0.1
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = 100 µA
30
V
V(BR)CEO
(1)
1.
Pulse test: pulse duration
≤300 µs, duty cycle ≤2%
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
30
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100 µA
5
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 1 A
IB = 100 mA
IC = 2 A
IB = 40 mA
IC = 5 A
IB = 500 mA
60
140
240
90
190
300
mV
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 2 A
IB = 40 mA
IC = 5 A
IB = 500 mA
830
1000
1100
mV
mV
hFE
(1)
DC current gain
IC = 50 mA
VCE = 2 V
IC = 0.5 A
VCE = 2 V
IC = 2 A
VCE = 2 V
IC = 5 A
VCE = 2 V
210
180
170
260
90
560
ft
Transition frequency
IC = 0.1 A
VCE = 10 V
100
MHz
CCBO
Collector-base
capacitance (IE = 0)
VCB = 40 V,
f = 1 MHz
15
pF
ton
toff
Resistive load
Turn-on time
Turn-off time
IC = 2.5 A
VCC = 12 V
IB1 = - IB2 = 125 mA
VBE(off) = - 5 V
90
450
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com