Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3STR1630 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 3STR1630
Description  Low voltage high performance NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

3STR1630 Datasheet(HTML) 4 Page - STMicroelectronics

  3STR1630 Datasheet HTML 1Page - STMicroelectronics 3STR1630 Datasheet HTML 2Page - STMicroelectronics 3STR1630 Datasheet HTML 3Page - STMicroelectronics 3STR1630 Datasheet HTML 4Page - STMicroelectronics 3STR1630 Datasheet HTML 5Page - STMicroelectronics 3STR1630 Datasheet HTML 6Page - STMicroelectronics 3STR1630 Datasheet HTML 7Page - STMicroelectronics 3STR1630 Datasheet HTML 8Page - STMicroelectronics 3STR1630 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical characteristics
3STR1630
4/10
Doc ID 16600 Rev 3
2.1
Electrical characteristics (curves)
Figure 2.
DC current gain (VCE=1 V)
Figure 3.
DC current gain (VCE=2 V)
Figure 4.
Collector-emitter saturation
voltage (VCEsat @ hFE=10)
Figure 5.
Collector-emitter saturation
voltage (VCEsat @ hFE=50)
Figure 6.
Base-emitter saturation
voltage (VBEsat @ hFE=10)
Figure 7.
Base-emitter saturation
voltage (VBEsat @ hFE=50)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com