Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1635-8FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # ACST1635-8FP
Description  Characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1635-8FP Datasheet(HTML) 1 Page - STMicroelectronics

  ACST1635-8FP Datasheet HTML 1Page - STMicroelectronics ACST1635-8FP Datasheet HTML 2Page - STMicroelectronics ACST1635-8FP Datasheet HTML 3Page - STMicroelectronics ACST1635-8FP Datasheet HTML 4Page - STMicroelectronics ACST1635-8FP Datasheet HTML 5Page - STMicroelectronics ACST1635-8FP Datasheet HTML 6Page - STMicroelectronics ACST1635-8FP Datasheet HTML 7Page - STMicroelectronics ACST1635-8FP Datasheet HTML 8Page - STMicroelectronics ACST1635-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
September 2012
Doc ID 023630 Rev 1
1/13
13
ACST1635-8FP
Overvoltage protected AC switch
Datasheet
production data
Features
■ Enables equipment to meet IEC 61000-4-5
surge with overvoltage crowbar technology
■ High noise immunity against static dV/dt and
IEC 61000-4-4 burst
■ High junction temperature: Tj = 150 °C
■ Needs no external over-voltage protection
■ VCL gives headroom before clamping then
crowbar action
■ Reduces component count
■ ECOPACK®2 compliant component
■ Complies with UL standards (File ref: E81734)
■ Provides UL certified insulation rated at
1500 V rms
Applications
■ AC static switching in appliances and industrial
control systems
■ Drive of medium power AC loads such as:
– Coffee making appliances
– Universal drum motor of washing machine
– Compressor of fridge or air conditioner
– Heating and cooking appliances
– Vacuum cleaners
– Solid state relays
Figure 1.
Functional diagram
Description
The ACST1635-8FP belongs to the AC power
switch range built with A.S.D.® technology. This
high performance device is designed for home
appliances or industrial systems and drives loads
up to 16 A.
This ACST1635-8FP switch embeds a Triac
structure with a high voltage crowbar device to
absorb the inductive turn-off energy and
withstand line surges such as those described in
the IEC 61000-4-5 (surge immunity test).
A.S.D. is a registered trademark of STMicroelectronics
COM
OUT
G
TO-220FPAB
ACST1635-8FP
G
COM
OUT
www.st.com


Similar Part No. - ACST1635-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ACST10 STMICROELECTRONICS-ACST10 Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST10 STMICROELECTRONICS-ACST10 Datasheet
168Kb / 13P
Overvoltage protected AC switch
01-Jul-2010
ACST10-7CFP STMICROELECTRONICS-ACST10-7CFP Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST10-7CT STMICROELECTRONICS-ACST10-7CT Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
ACST10-7SFP STMICROELECTRONICS-ACST10-7SFP Datasheet
173Kb / 12P
Transient protected AC power switch
02-Dec-2008
More results

Similar Description - ACST1635-8FP

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
Distinctive Characteristics
logo
New Jersey Semi-Conduct...
15KP150CA NJSEMI-15KP150CA Datasheet
481Kb / 3P
ELECTRICAL CHARACTERISTICS
1N4954 NJSEMI-1N4954 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4958 NJSEMI-1N4958 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4966 NJSEMI-1N4966 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4972 NJSEMI-1N4972 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4977 NJSEMI-1N4977 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4983 NJSEMI-1N4983 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Bel Fuse Inc.
S553-6500-F4-F BEL-S553-6500-F4-F Datasheet
59Kb / 2P
ELECTRICAL CHARACTERISTICS
logo
New Jersey Semi-Conduct...
OA126 NJSEMI-OA126 Datasheet
108Kb / 2P
Characteristics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com