Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST1635-8FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST1635-8FP
Description  Characteristics
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1635-8FP Datasheet(HTML) 4 Page - STMicroelectronics

  ACST1635-8FP Datasheet HTML 1Page - STMicroelectronics ACST1635-8FP Datasheet HTML 2Page - STMicroelectronics ACST1635-8FP Datasheet HTML 3Page - STMicroelectronics ACST1635-8FP Datasheet HTML 4Page - STMicroelectronics ACST1635-8FP Datasheet HTML 5Page - STMicroelectronics ACST1635-8FP Datasheet HTML 6Page - STMicroelectronics ACST1635-8FP Datasheet HTML 7Page - STMicroelectronics ACST1635-8FP Datasheet HTML 8Page - STMicroelectronics ACST1635-8FP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
ACST1635-8FP
4/13
Doc ID 023630 Rev 1
Figure 6.
On-state characteristics
(maximum values)
Figure 7.
Surge peak on-state current versus
number of cycles
1
10
100
1000
0
1
23
45
I (A)
TM
V
(V)
TM
T max:
V = 0.9 V
R = 30 m
j
to
d
Ω
T = 150 °C
j
T = 25 °C
j
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
1
10
100
1000
Non repetitive
T initial = 25 °C
j
Repetitive
T = 84 °C
c
Number of cycles
One cycle
t = 20 ms
I
(A)
TSM
Figure 8.
Non repetitive surge peak on-state
current for a sinusoidal
Figure 9.
Relative variation of gate trigger
current and gate trigger voltage
versus junction temperature
10
100
1000
10000
0.01
0.10
1.00
10.00
I
A), I²t (A²s)
TSM(
t (ms)
p
dl /dt limitation: 100 A / µs
pulse with width t <10 ms, and
corresponding value of I²t
p
T initial = 25 °C
j
I²t
I
TSM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-30
-10
10
30
50
70
90
110
130
150
IGT Q1-Q2
VGT Q1-Q2-Q3
IGT Q3
I ,V [T ]/I ,V [T = 25 °C]
GT
GT
j
GT
GT
j
typical values
T (°C)
j
Figure 10.
Relative variation of holding
current and latching current versus
junction temperature
Figure 11.
Relative variation of critical rate of
decrease of main current (dI/dt)c
versus reapplied (dV/dt)c
0.0
0.5
1.0
1.5
2.0
-50
-30
-10
10
30
50
70
90
110
130
150
IH
IL
typical values
I , [T ] / I , I [T = 25 °C]
Hj
H
L
j
I
L
T (°C)
j
(dI/dt)c[(dV/dt) ]/Specified(dI/dt)
cc
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.1
1.0
10.0
100.0
T
j=125 °C and 150 °C
typical values
(dV/dt) (V/µs)
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com