Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS328DQ Datasheet(PDF) 39 Page - STMicroelectronics

Part # AIS328DQ
Description  High-performance ultra low-power 3-axis accelerometer
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS328DQ Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AIS328DQ Datasheet HTML 35Page - STMicroelectronics AIS328DQ Datasheet HTML 36Page - STMicroelectronics AIS328DQ Datasheet HTML 37Page - STMicroelectronics AIS328DQ Datasheet HTML 38Page - STMicroelectronics AIS328DQ Datasheet HTML 39Page - STMicroelectronics AIS328DQ Datasheet HTML 40Page - STMicroelectronics AIS328DQ Datasheet HTML 41Page - STMicroelectronics AIS328DQ Datasheet HTML 42Page - STMicroelectronics AIS328DQ Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
AIS328DQ
Soldering information
Doc ID 18160 Rev 3
39/43
9
Soldering information
The QFPN-24 package is compliant with the ECOPACK®, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020C, in MSL3 condi-
tions.
For complete land pattern and soldering recommendations, please refer to the TN0019
technical note TN0019 available on www.st.com.
9.1
General guidelines about soldering surface-mounted
accelerometers
As common PCB design and industrial practice when considering accelerometer soldering,
there are always 3 elements to take into consideration:
1. PCB with its own conductive layers (i.e. copper) and other organic materials used for
board protection and dielectric isolation.
2. ACCELEROMETER to be mounted on the board. The accelerometer senses accelera-
tion, but it senses also the mechanical stress coming from the board. This stress is mini-
mized with simple PCB design rules.
3. SOLDERING PASTE like SnAgCu. This soldering paste can be dispensed on the board
with a screen printing method through a stencil. The pattern of the soldering paste on the
PCB is given by the stencil mask itself.
9.2
PCB design guidelines
PCB land and solder masking general recommendations are shown in Figure 13. Refer to
Figure 12 for specific device size, land count and pitch.
●
It is recommended to open solder mask external to PCB land
●
It is mandatory, for correct device functionality, to ensure that some clearance is
present between the accelerometer thermal pad and PCB. In order to obtain this
clearance it is recommended to open the PCB thermal pad solder mask
●
The area below the sensor (on the same side of the board) must be defined as keepout
area. It is strongly recommended not to place any structure in the top metal layer
underneath the sensor
●
Traces connected to pads should be as symmetrical as possible. Symmetry and
balance for pad connection helps component self alignment and leads to a better
control of solder paste reduction after reflow
●
For better performances over temperature it is strongly recommended not to place
large insertion components like buttons or shielding boxes at distances less than 2 mm
from the sensor
●
Central die pad and “Pin 1 Indicator” are physically connected to GND. Leave “Pin 1
Indicator” unconnected during soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com