Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB12 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTB12
Description  Medium current triac
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB12 Datasheet(HTML) 3 Page - STMicroelectronics

  BTB12 Datasheet HTML 1Page - STMicroelectronics BTB12 Datasheet HTML 2Page - STMicroelectronics BTB12 Datasheet HTML 3Page - STMicroelectronics BTB12 Datasheet HTML 4Page - STMicroelectronics BTB12 Datasheet HTML 5Page - STMicroelectronics BTB12 Datasheet HTML 6Page - STMicroelectronics BTB12 Datasheet HTML 7Page - STMicroelectronics BTB12 Datasheet HTML 8Page - STMicroelectronics BTB12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BTA12, BTB12, T12xx
Characteristics
3/12
Table 4.
Electrical characteristics (Tj = 25°C, unless otherwise specified)
standard (4 quadrants)
Symbol
Test Conditions
Quadrant
BTA12 / BTB12
Unit
CB
IGT
(1)
1.
Minimum IGT is guaranted at 5% of IGT max.
VD = 12 V
RL = 30 Ω
I - II - III
IV
MAX.
25
50
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125° C
ALL
MIN.
0.2
V
IH
(2)
2.
for both polarities of A2 referenced to A1.
IT = 500 mA
MAX.
25
50
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
40
50
mA
II
80
100
dV/dt (2)
VD = 67% VDRM gate open Tj = 125° C
MIN.
200
400
V/µs
(dV/dt)c (2)
(dI/dt)c = 5.3 A/ms
Tj = 125° C
MIN.
5
10
V/µs
Table 5.
Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
1.
for both polarities of A2 referenced to A1
ITM = 17 A
tp = 380 µs
Tj = 25° C
MAX.
1.55
V
Vt0
(1)
Threshold voltage
Tj = 125° C
MAX.
0.85
V
Rd
(1)
Dynamic resistance
Tj = 125° C
MAX.
35
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25° C
MAX.
5µA
Tj= 125° C
1
mA
Table 6.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
I2PAK / D2PAK / TO-220AB
1.4
°C/W
TO-220AB insulated
2.3
Rth(j-a)
Junction to ambient
S(1) = 1 cm2
1.
Copper surface under tab.
D2PAK
45
°C/W
TO-220AB / I2PAK
TO-220AB insulated
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com