Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTB12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTB12
Description  Medium current triac
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB12 Datasheet(HTML) 1 Page - STMicroelectronics

  BTB12 Datasheet HTML 1Page - STMicroelectronics BTB12 Datasheet HTML 2Page - STMicroelectronics BTB12 Datasheet HTML 3Page - STMicroelectronics BTB12 Datasheet HTML 4Page - STMicroelectronics BTB12 Datasheet HTML 5Page - STMicroelectronics BTB12 Datasheet HTML 6Page - STMicroelectronics BTB12 Datasheet HTML 7Page - STMicroelectronics BTB12 Datasheet HTML 8Page - STMicroelectronics BTB12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2007
Rev 9
1/12
12
BTA12, BTB12, T12xx
12 A Snubberless™, logic level and standard triacs
Features
■ Medium current triac
■ Low thermal resistance with clip bonding
■ Low thermal resistance insulation ceramic for
insulated BTA
■ High commutation (4Q) or very high
commutation (3Q) capability
■ BTA series UL1557 certified (File ref: 81734)
■ Packages are RoHS ( 2002/95/EC) compliant
Applications
ON/OFF or phase angle function in applications
such as static relays, light dimmers and appliance
motors speed controllers.
The snubberless versions (BTA/BTB...W and T12
series) are especially recommended for use on
inductive loads, because of their high
commutation performances. The BTA series
provides an insulated tab (rated at 2500 V RMS).
Description
Available either in through-hole or surface-mount
packages, the BTA12, BTB12 and T12xx triac
series is suitable for general purpose mains
power AC switching.
Order code
See Ordering information on page 11
TM: Snubberless is a trademark of STMicroelectronics
A2
A1
G
A2
A2
A1
G
G
A2
A2
A1
G
A2
A1
G
A2
A2
A1
D2PAK
(T12-G)
TO-220AB Insulated
(BTA12)
TO-220AB
(BTB12)
I2PAK
(T12-R)
Table 1.
Device summary
Symbol
Parameter
T12xx
BTA12 (1)
BTB12
IT(RMS)
RMS on-state current
12
12
12
VDRM/VRRM
Repetitive peak off-state voltage
600/800
600/800
600/800
IGT (Snubberless)
Triggering gate current
10/35/50
5/10/35/50
5/10/35/50
IGT (Standard)
Triggering gate current
-
35/50
35/50
1.
Insulated
www.st.com


Similar Part No. - BTB12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
116Kb / 7P
12A TRIACS
Sep-2002
BTB12 STMICROELECTRONICS-BTB12 Datasheet
138Kb / 12P
12 A Snubberless, logic level and standard triacs
28-Sep-2007
logo
Suntac Electronic Corp.
BTB12 SUNTAC-BTB12 Datasheet
87Kb / 4P
12A Triacs logic level
logo
JIEJIE MICROELECTRONICS...
BTB12 JIEJIE-BTB12 Datasheet
514Kb / 5P
12A TRIACs
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
12 A Snubberless™ logic level and standard triacs
September 2007 Rev 9
More results

Similar Description - BTB12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3PM-12LG RENESAS-BCR3PM-12LG Datasheet
136Kb / 8P
Triac Medium Power Use
BCR10KM-12LA RENESAS-BCR10KM-12LA Datasheet
140Kb / 8P
Triac Medium Power Use
BCR10PM-12LG RENESAS-BCR10PM-12LG_07 Datasheet
132Kb / 8P
Triac Medium Power Use
BCR12KM-12LB RENESAS-BCR12KM-12LB Datasheet
148Kb / 8P
Triac Medium Power Use
BCR12KM-14LA RENESAS-BCR12KM-14LA Datasheet
139Kb / 8P
Triac Medium Power Use
logo
Nell Semiconductor Co.,...
20T NELLSEMI-20T Datasheet
595Kb / 5P
Medium current triac
logo
STMicroelectronics
T1610T-8FP STMICROELECTRONICS-T1610T-8FP Datasheet
357Kb / 9P
Medium current Triac
February 2015 Rev 2
T1610T-8T STMICROELECTRONICS-T1610T-8T Datasheet
329Kb / 9P
Medium current Triac
October 2014 Rev 1
T1635T-8FP STMICROELECTRONICS-T1635T-8FP Datasheet
269Kb / 9P
Medium current Triac
January 2015 Rev 3
T1635T-8T STMICROELECTRONICS-T1635T-8T Datasheet
272Kb / 9P
Medium current Triac
July 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com